Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 31 Page - Analog Devices

Part # LTC4449
Description  Six-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4449 Datasheet(HTML) 31 Page - Analog Devices

Back Button LTC4449 Datasheet HTML 27Page - Analog Devices LTC4449 Datasheet HTML 28Page - Analog Devices LTC4449 Datasheet HTML 29Page - Analog Devices LTC4449 Datasheet HTML 30Page - Analog Devices LTC4449 Datasheet HTML 31Page - Analog Devices LTC4449 Datasheet HTML 32Page - Analog Devices LTC4449 Datasheet HTML 33Page - Analog Devices LTC4449 Datasheet HTML 34Page - Analog Devices LTC4449 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
LTC7871
31
Rev. 0
For more information www.analog.com
Communication Sequence
The serial bus is comprised of CSB, SCLK, SDI and SDO.
Data transfers to the part are accomplished by the serial
bus master device first taking CSB low to enable the
LTC7871’s port. Input data applied on SDI is clocked on
the rising edge of SCLK, with all transfers MSB first. The
communication burst is terminated by the serial bus mas-
ter returning CSB high. See Figure 9 for details.
Data is read from the part during a communication burst
using SDO. Readback may be multidrop (more than one
LTC7871 connected in parallel on the serial bus), as SDO
is high impedance (Hi-Z) when CSB = 1, or when data is
not being read from the part. If the LTC7871 is not used
in a multidrop configuration, or if the serial port mas-
ter is not capable of setting the SDO line level between
read sequences, it is recommended to attach a resistor
between SDO and V5 to ensure the line returns to V5 dur-
ing Hi-Z states. The resistor value should be large enough
to ensure that the SDO output current does not exceed
10mA. See Figure 10 for details.
bandwidth of the loop will be increased by decreasing CC.
If RC is increased by the same factor that CC is decreased,
the zero frequency will be kept the same, thereby keeping
the phase shift the same in the most critical frequency range
of the feedback loop. The output voltage settling behavior
is related to the stability of the closed-loop system and will
demonstrate the actual overall supply performance. A sec-
ond, more severe transient is caused by switching in loads
with large (>1μF) supply bypass capacitors. The discharged
bypass capacitors are effectively put in parallel with CLOW,
causing a rapid drop in VLOW. No regulator can alter its
delivery of current quickly enough to prevent this sudden
step change in output voltage if the load switch resistance
is low and it is driven quickly. If the ratio of CLOAD to COUT is
greater than 1:50, the switch rise time should be controlled
so that the load rise time is limited to approximately 25 •
CLOAD. Thus a 10μF capacitor would require a 250μs rise
time, limiting the charging current to about 200mA.
SERIAL PORT
The SPI-compatible serial port provides control and moni-
toring functionality.
APPLICATIONS INFORMATION
Figure 9.
MASTER–CSB
MASTER–SCLK
tCSS
tCS
tCH
DATA
DATA
7871 F09
tCKL
tCKH
tCSS
tCSH
MASTER–SDI
Serial Port Write Timing Diagram
Figure 10.
MASTER–CSB
MASTER–SCLK
LTC7871–SDO
7871 F10
8TH CLOCK
DATA
DATA
tDO
tDO
tDO
tDO
Serial Port Read Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com