Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 26 Page - Analog Devices

Part # LTC4449
Description  Six-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4449 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC4449 Datasheet HTML 22Page - Analog Devices LTC4449 Datasheet HTML 23Page - Analog Devices LTC4449 Datasheet HTML 24Page - Analog Devices LTC4449 Datasheet HTML 25Page - Analog Devices LTC4449 Datasheet HTML 26Page - Analog Devices LTC4449 Datasheet HTML 27Page - Analog Devices LTC4449 Datasheet HTML 28Page - Analog Devices LTC4449 Datasheet HTML 29Page - Analog Devices LTC4449 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
LTC7871
26
Rev. 0
For more information www.analog.com
The output ripple current is divided between the various
capacitors connected in parallel at the output voltage.
Although ceramic capacitors are generally known for low
ESR (especially X5R and X7R), these capacitors suffer
from a relatively high voltage coefficient. Therefore, it is
not safe to assume that the entire ripple current flows in
the ceramic capacitor. Aluminum electrolytic capacitors
are generally chosen because of their high bulk capaci-
tance, but they have a relatively high ESR. As a result,
some amount of ripple current will flow in this capacitor.
If the ripple current flowing into a capacitor exceeds its
RMS rating, the capacitor will heat up, reducing its effec-
tive capacitance and adversely affecting its reliability. After
the output capacitor configuration has been determined
using the equations provided, measure the individual
capacitor case temperatures in order to verify good ther-
mal performance.
Setting Output Voltage
The LTC7871 output voltage is set by two external feed-
back resistive dividers carefully placed across VHIGH to
ground and VLOW to ground, as shown in Figure 6. The
regulated output voltage is determined by:
VLOW = 1.2V • 1+
RB
RA
⎛
⎝⎜
⎞
⎠⎟
 and VHIGH = 1.2V • 1+
RD
RC
⎛
⎝⎜
⎞
⎠⎟
To improve the frequency response, a feed forward capac-
itor, CFF1/CFF2, may be used. Great care should be taken
to route the feedback line away from noise sources, such
as the inductor or the SW line.
Figure 6.
VHIGH
RD
CFF2
RC
LTC7871
VFBLOW
VLOW
RB
CFF1
RA
7871 F06
VFBHIGH
Setting Output Voltage
ripple will change, depending on the requirements of the
application, and the equations provided below can easily
be modified.
One of the key benefits of multiphase operation is a reduc-
tion in the peak current supplied to the output capacitor
by the boost diodes. As a result, the ESR requirement
of the capacitor is relaxed. For a 1% contribution to the
total ripple voltage, the ESR of the output capacitor can
be determined using the following equation:
ESRCOUT >
0.01• VOUT
ID PEAK
(
)
where:
ID PEAK
(
) =
1
n
• 1
+ χ
2
⎛
⎝
⎞
⎠ •
IO MAX
(
)
1–DMAX
The factor n represents the number of phases and the
factor χ represents the percentage inductor ripple current.
For the bulk capacitance, which we assume contributes
1% to the total output ripple, the minimum required
capacitance is approximately:
COUT ≥
IO MAX
(
)
0.01• n • VOUT • f
For many designs it will be necessary to use one type of
capacitor to obtain the required ESR, and another type to
satisfy the bulk capacitance. For example, using a low ESR
ceramic capacitor can minimize the ESR step, while an
electrolytic capacitor can be used to supply the required
bulk C.
The voltage rating of the output capacitor must be greater
than the maximum output voltage, with sufficient derating
to account for the maximum capacitor temperature.
Because the ripple current in the output capacitor is a
square wave, the ripple current requirements for this
capacitor depend on the duty cycle, the number of phases
and the maximum output current. In order to choose a
ripple current rating for the output capacitor, first establish
the duty cycle range, based on the output voltage and
range of input voltage.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com