Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 15 Page - Analog Devices

Part # LTC4449
Description  Six-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4449 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC4449 Datasheet HTML 11Page - Analog Devices LTC4449 Datasheet HTML 12Page - Analog Devices LTC4449 Datasheet HTML 13Page - Analog Devices LTC4449 Datasheet HTML 14Page - Analog Devices LTC4449 Datasheet HTML 15Page - Analog Devices LTC4449 Datasheet HTML 16Page - Analog Devices LTC4449 Datasheet HTML 17Page - Analog Devices LTC4449 Datasheet HTML 18Page - Analog Devices LTC4449 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
LTC7871
15
Rev. 0
For more information www.analog.com
d. During a startup sequence until the SS pin charges up
past 1.2V.
e. When any channel is in overcurrent fault status.
f. When the IC is over temperature.
The OVLOW and OVHIGH thresholds are set using an exter-
nal resistor divider off VLOW and VHIGH, respectively.
When the voltage at the pin exceeds the comparator
threshold of 1.2V, a 5μA hysteresis current is sourced
out of the respective pin and the FAULT signal goes low
after a 120μs delay. The UVHIGH threshold is also set using
an external resistor divider off VHIGH. When the voltage
at the pin falls below the comparator threshold of 1.2V, a
5μA hysteresis current is sunk into the UVHIGH pin and the
FAULT signal goes low after a 120μs delay. The amount of
hysteresis can be adjusted by changing the total imped-
ance of the resistor divider, while the resistor ratio sets
the UV/OV trip point.
Besides flagging the FAULT pin, the UV/OV compara-
tors also affect the operation of the controller, as shown
in Table  1. When the OVLOW comparator crosses its
1.2V threshold:
a. In buck mode, the controller stops switching.
b. In boost mode, the controller continues to switch.
c. ITH and SS are unaffected in both buck and boost
modes. Whenever a fault is detected, discharge the
SS pin as needed externally.
When the OVHIGH comparator crosses its 1st threshold
of 1.2V:
a. The controller stops switching in both buck and
boost modes.
b. ITH and SS are unaffected in both buck and boost
modes. Whenever a fault is detected, discharge the
SS pin as needed externally.
When the OVHIGH comparator crosses its 2nd threshold
of 2.4V:
a. The controller stops switching in both buck and
boost modes.
A phase-locked loop (PLL) is available on the LTC7871
to synchronize the internal oscillator to an external clock
source that is connected to the SYNC pin. The PLL loop
filter network is integrated inside the LTC7871. The phase
locked loop is capable of locking to any frequency within
the range of 60kHz to 750kHz. The frequency setting
resistor should always be present to set the controller’s
initial switching frequency before locking to the external
clock. The controller operates in the user selected mode
when it is synchronized.
Undervoltage Lockout
The LTC7871 has two functions that help protect the con-
troller in case of undervoltage conditions. Two precision
UVLO comparators constantly monitor the V5 and DRVCC
voltages to ensure that adequate voltages are present. The
switching action is stopped when V5 or DRVCC is below
the undervoltage lockout threshold. To prevent oscillation
when there is a disturbance on the V5 or DRVCC, the UVLO
comparators have precision hysteresis.
Another way to detect an undervoltage condition is to
monitor the VHIGH supply. Because the RUN pin has a
precision turn-on reference of 1.22V, one can use a resis-
tor divider to VHIGH to turn on the IC when VHIGH is high
enough. An extra 4μA of current flows out of the RUN pin
once the RUN pin voltage passes 1.22V. The RUN com-
parator itself has about 80mV of hysteresis. Additional
hysteresis for the RUN comparator can be programmed
by adjusting the values of the resistive divider. For accu-
rate VHIGH undervoltage detection, VHIGH needs to be
higher than 5V.
Fault Flag (FAULT, OVHIGH, OVLOW and UVHIGH Pins)
The FAULT pin is connected to the open-drain of an inter-
nal N-channel MOSFET. It can be pulled high with an exter-
nal resistor connected to a voltage up to 6V, such as V5
or an external bias voltage. The FAULT pin is pulled low
when at least one of the following conditions is met:
a. The RUN pin is below its turn on threshold.
b. When V5 or DRVCC is below its UVLO threshold.
c. Any of the three OV/UV comparators has been tripped.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com