| Electronic Components Datasheet Search |
|
LTC4449 Datasheet(PDF) 33 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
LTC4449 Datasheet(HTML) 33 Page - Analog Devices |
|
33 / 48 page ![]() LTC7871 33 Rev. 0 For more information www.analog.com 3. Update the 8-bit PEC as PEC[7] = PEC[6], PEC[6] = PEC[5],……PEC[3] = PEC[2], PEC[2] = IN2, PEC[1] = IN1, PEC[0] = IN0. 4. Go back to step 2 until all data are shifted. The 8-bit result is the final PEC byte. An example to calculate the PEC is listed in Table 6 and Figure 14. The PEC of the 1 byte data 0x01 is computed as 0xC7 after the last bit of the byte clocked in. For the serial port write sequence, the master calculates the PEC byte for the address byte and data byte it sends out. The master latches the PEC byte it calculates at the 15th clock falling edge and attaches the calculated PEC byte following the data byte it shifts out. The LTC7871 also calculates PEC byte for the address byte and data byte it receives. The LTC7871 latches the PEC byte it cal- culates at the 16th clock rising edge and compares it with the PEC byte following the data byte. The data is regarded as valid only if the PEC bytes match. For the serial port read sequence, the LTC7871 calculates PEC byte for the received address byte and data byte it sends out. The LTC7871 latches the PEC byte at the 15th clock falling edge and attaches the calculated PEC byte following the data byte it shifts out. The master calculates PEC byte for the address byte it sends and data byte it receives. The master latches the PEC byte at the 16th clock rising edge and compares it with the PEC byte fol- lowing the data byte it receivers. The data is regarded as valid only if the PEC bytes match. serial bus master on SDI contains the destination register address (ADDR0) and a following 0 indicating a write. The next byte is the DATA0 intended for the register at address ADDR0. The third byte is the PEC0. CSB is then taken high to terminate the transfer. The first byte of the second burst contains the destination register address (ADDR1) and a following 0 indicating a write. The next byte on SDI is the DATA1 intended for the register at address ADDR1. The third byte is the PEC1. CSB is then taken high to terminate the transfer. Note that the written data is transferred to the internal register at the falling edge of the 24th clock cycle (parallel load) in each burst after the PEC is checked as valid. PEC Byte The PEC byte a cyclic redundancy check (CRC) value cal- culated for all the bits in a register group in the order they are passed, using the initial PEC value of 01000001 (0x41) and the following characteristic polynomial: x8 + x2 + x + 1 To calculate the 8-bit PEC value, a simple procedure can be established: 1. Initialize the PEC to 0100 0001. 2. For each bit DIN coming into the register group, set IN0 = DIN XOR PEC[7], then IN1=PEC[0] XOR IN0, IN2 = PEC[1] XOR IN0. APPLICATIONS INFORMATION Table 6. Procedure to Calculate PEC Byte CLOCK CYCLE DIN IN0 IN1 IN2 PEC[7] PEC[6] PEC[5] PEC[4] PEC[3] PEC[2] PEC[1] PEC[0] 0 0 0 1 0 0 1 0 0 0 0 0 1 1 0 1 1 0 1 0 0 0 0 0 1 0 2 0 0 1 1 0 0 0 0 0 0 1 1 3 0 0 0 1 0 0 0 0 0 1 1 0 4 0 0 0 0 0 0 0 0 1 1 0 0 5 0 0 0 0 0 0 0 1 1 0 0 0 6 0 0 0 0 0 0 1 1 0 0 0 0 7 1 1 1 1 0 1 1 0 0 0 0 0 8 1 1 0 0 0 1 1 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |