Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC4449
Description  Six-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4449 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC4449 Datasheet HTML 6Page - Analog Devices LTC4449 Datasheet HTML 7Page - Analog Devices LTC4449 Datasheet HTML 8Page - Analog Devices LTC4449 Datasheet HTML 9Page - Analog Devices LTC4449 Datasheet HTML 10Page - Analog Devices LTC4449 Datasheet HTML 11Page - Analog Devices LTC4449 Datasheet HTML 12Page - Analog Devices LTC4449 Datasheet HTML 13Page - Analog Devices LTC4449 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
LTC7871
10
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
RUN (Pin 27): Enable Control Input. A voltage above
1.22V turns on the IC. There is a 2µA pull-up current on
this pin. Once the RUN pin rises above the 1.22V thresh-
old, the pull-up current increases to 6µA.
VFBHIGH (Pin 7): VHIGH Voltage Sensing Error Amplifier
Noninverting Input.
VFBLOW (Pin 3): VLOW Voltage Sensing Error Amplifier
Inverting Input.
ITHHIGH/ITHLOW (Pins 6 and 4): Current Control Threshold
and Error Amplifier Compensation Point. The current com-
parator’s threshold varies with the ITH control voltage.
SS (Pin 1): Soft-Start Input. The voltage ramp rate at this
pin sets the voltage ramp rate of the regulated voltage. A
capacitor to ground accomplishes soft-start. This pin has
a 1µA pull-up current.
MODE (Pin 51): Mode Set Pin. Tying this pin to SGND
enables forced continuous mode in buck or boost modes.
Floating this pin results in burst mode in buck mode and
discontinuous mode in boost mode. Tying this pin to V5
enables discontinuous mode in buck or boost modes. The
input impedance of this pin is 90kΩ.
SYNC (Pin 52): Switching Frequency Synchronization
or Spread Spectrum Set Pin. Applying an external clock
between 60kHz to 750kHz to this pin causes the switch-
ing frequency to synchronize to the clock signal. If SYNC
is low, a resistor from the FREQ pin to SGND sets the
switching frequency. Tying this pin to V5 allows switching
frequency spread spectrum. This pin has a 250kΩ internal
resistor to ground.
FREQ (Pin 53): Frequency Set Pin. A resistor between
this pin and SGND sets the switching frequency. This pin
sources 20µA current.
DRVSET (Pin 44): The voltage setting on this pin pro-
grams the DRVCC output voltage. There are two internal
resistors, 200kΩ and 160kΩ, connecting this pin to the
V5 and SGND, respectively.
CLKOUT (Pin 50): Clock Output Pin. Use this pin to syn-
chronize multiple LTC7871 ICs. Signal swing is from V5
to ground.
V5 (Pin 9): Internal 5V Regulator Output. The control
circuits are powered from this voltage. Bypass this pin
to SGND with a minimum of 4.7µF low ESR tantalum or
ceramic capacitor.
DRVCC (Pin 46): Gate Driver Current Supply LDO Output.
The voltage on this pin can be set to 5V, 8V, or 10V by
the DRVSET pin. Bypass this pin to ground plane with a
minimum of 4.7μF low ESR tantalum or ceramic capacitor.
EXTVCC (Pin 42): External Power Input to an Internal LDO
Connected to DRVCC. This LDO supplies DRVCC power,
bypassing the internal LDO powered from VHIGH, when-
ever EXTVCC is higher than its switchover threshold. Do
not exceed 60V on this pin.
ILIM (Pin 49): Current Comparator Sense Voltage Limit
Selection Pin. The input impedance of this pin is 100kΩ.
SNSD1+/SNSD2+/SNSD3+/SNSD4+/SNSD5+/SNSD6+
(Pins 19, 20, 25, 56, 61, and 62): DC Positive Current
Sense Comparator Inputs. These inputs amplify the DC
portion of the current signal to the IC’s current compara-
tors and current sense amplifiers.
SNS1–/SNS2–/SNS3–/SNS4–/SNS5–/SNS6– (Pins 18, 21,
24, 57, 60, and 63): Negative Current Sense Comparator
Inputs. The negative input of the current comparator is
normally connected to the VLOW.
SNSA1+/SNSA2+/SNSA3+/SNSA4+/SNSA5+/SNSA6+
(Pins 17, 22, 23, 58, 59, and 64): AC Positive Current
Sense Comparator Inputs. These inputs amplify the AC
portion of the current signal to the IC’s current comparator.
VHIGH (Pin 48): Main VHIGH Supply. Bypass this pin to
ground with a capacitor (0.1μF to 1μF).
FAULT (Pin 35): Fault Indicator Output. Open-drain output
that pulls to ground during a fault condition.
PGOOD (Pin 30): Power Good Indictor Output for the
Regulated VHIGH/VLOW. Open drain logic out that is pulled
to ground when the regulated VHIGH/VLOW exceeds ±10%
regulation window, after the internal 40µS power bad
mask timer expires.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com