Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 38 Page - Analog Devices

Part # LTC4449
Description  Six-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4449 Datasheet(HTML) 38 Page - Analog Devices

Back Button LTC4449 Datasheet HTML 34Page - Analog Devices LTC4449 Datasheet HTML 35Page - Analog Devices LTC4449 Datasheet HTML 36Page - Analog Devices LTC4449 Datasheet HTML 37Page - Analog Devices LTC4449 Datasheet HTML 38Page - Analog Devices LTC4449 Datasheet HTML 39Page - Analog Devices LTC4449 Datasheet HTML 40Page - Analog Devices LTC4449 Datasheet HTML 41Page - Analog Devices LTC4449 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
LTC7871
38
Rev. 0
For more information www.analog.com
MFR_IDAC_VLOW
The MFR_IDAC_VLOW stores the current DAC value to program the VLOW voltage by injecting the current DAC output
to the VFBLOW pin. It is formatted as a 7-bit two’s complement value. Setting BIT[6] = 0 means sourcing current from
the VFBLOW pin; and BIT[6] = 1 means sinking current. The detail is listed in Table 8. The DAC current is only injected
to the VFBLOW pin in buck mode. Sinking current will cause VLOW to rise. The default value for this register is 0x00.
Writes to this register are inhibited when the WP, BIT[0] in MFR_CHIP_CTRL, is set high.
MFR_IDAC_VLOW Message Contents:
BIT
VALUE
MEANING
7
Reserved
6
0
1
0µA
–64µA
5
p
1
0µA
32µA
4
0
1
0µA
16µA
3
0
1
0µA
8µA
2
0
1
0µA
4µA
1
0
1
0µA
2µA
0
0
1
0µA
1µA
MFR_IDAC_VHIGH
The MFR_IDAC_VHIGH stores the current DAC value to program the VHIGH voltage by injecting the current DAC output
to the VFBHIGH pin. It is formatted as a 7-bit two’s complement value. Setting BIT[6] = 0 means sourcing current from
the VFBHIGH pin; and BIT[6] = 1 means sinking current. The detail is listed in Table 8. The DAC current is only injected
to the VFBHIGH pin in boost mode. Sinking current will cause VHIGH to rise in boost mode. The default value for this
register is 0x00. Writes to this register are inhibited when the WP, BIT[0] in MFR_CHIP_CTRL, is set high.
MFR_IDAC_VHIGH Message Contents:
BIT
VALUE
MEANING
7
Reserved
6
0
1
0µA
–64µA
5
p
1
0µA
32µA
4
0
1
0µA
16µA
3
0
1
0µA
8µA
2
0
1
0µA
4µA
1
0
1
0µA
2µA
0
0
1
0µA
1µA
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com