Electronic Components Datasheet Search
  English  ▼

X  

OPA859 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA859
Description  OPA859-Q1 1.8-GHz Unity-Gain Bandwidth, 3.3-nV/?숰z, FET Input Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA859 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA859 Datasheet HTML 2Page - Texas Instruments OPA859 Datasheet HTML 3Page - Texas Instruments OPA859 Datasheet HTML 4Page - Texas Instruments OPA859 Datasheet HTML 5Page - Texas Instruments OPA859 Datasheet HTML 6Page - Texas Instruments OPA859 Datasheet HTML 7Page - Texas Instruments OPA859 Datasheet HTML 8Page - Texas Instruments OPA859 Datasheet HTML 9Page - Texas Instruments OPA859 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6.5 Electrical Characteristics
VS+ = 5 V, VS- = 0 V, input common-mode biased at midsupply, unity gain configuration, RL = 200 Ω, output load is referenced
to midsupply, and TA ≈ +25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
SSBW
Small-signal bandwidth
VOUT = 100 mVPP
1.8
GHz
LSBW
Large-signal bandwidth
VOUT = 2 VPP
400
MHz
GBWP
Gain-bandwidth product
900
MHz
Bandwidth for 0.1dB flatness
140
MHz
SR
Slew rate (10% - 90%)
VOUT = 2-V step
1150
V/µs
tr
Rise time
VOUT = 100-mV step
0.3
ns
tf
Fall time
VOUT = 100-mV step
0.3
ns
Settling time to 0.1%
VOUT = 2-V step
8
ns
Settling time to 0.001%
VOUT = 2-V step
3000
ns
Overshoot/undershoot
VOUT = 2-V step
7%
HD2
Second-order harmonic distortion
f = 10 MHz, VOUT = 2 VPP
90
dBc
f = 100 MHz, VOUT = 2 VPP
60
HD3
Third-order harmonic distortion
f = 10 MHz, VOUT = 2 VPP
86
dBc
f = 100 MHz, VOUT = 2 VPP
64
dBc
en
Input-referred voltage noise
f = 1 MHz
3.3
nV/√Hz
ZOUT
Closed-loop output impedance
f = 1 MHz
0.15
Ω
DC PERFORMANCE
AOL
Open-loop voltage gain
60
65
dB
VOS
Input offset voltage
TA = 25°C
–5
±0.9
5
mV
ΔVOS/ΔT
Input offset voltage drift
TA = –40°C to +125°C
–2
µV/°C
IBN, IBI
Input bias current
TA = 25°C
–5
±0.5
5
pA
IBOS
Input offset current
TA = 25°C
–5
±0.1
5
pA
CMRR
Common-mode rejection ratio
VCM = ±0.5 V
70
84
dB
INPUT
Common-mode input resistance
1
GΩ
CCM
Common-mode input capacitance
0.62
pF
Differential input resistance
1
GΩ
CDIFF
Differential input capacitance
0.2
pF
VIH
Common-mode input range (high)
VS+ = 3.3 V, CMRR > 66 dB
1.7
1.9
V
VIL
Common-mode input range (low)
VS+ = 3.3 V, CMRR > 66 dB
0
0.4
V
VIH
Common-mode input range (high)
CMRR > 66 dB
3.4
3.6
V
TA = –40°C to +125°C, CMRR > 66 dB
3.3
VIL
Common-mode input range (low)
CMRR > 66 dB
0
0.4
V
TA = –40°C to +125°C, CMRR > 66 dB
0.35
0.45
OUTPUT
VOH
Output voltage (high)
VS+ = 3.3 V, TA = 25°C
2.3
2.4
V
VOH
Output voltage (high)
TA = 25°C
3.95
4.1
V
TA = –40°C to +125°C
3.9
VOL
Output voltage (low)
VS+ = 3.3 V, TA = 25°C
1.05
1.15
V
VOL
Output voltage (low)
TA = 25°C
1.1
1.15
V
TA = –40°C to +125°C
1.2
OPA859-Q1
SBOSA59 – FEBRUARY 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA859-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com