Electronic Components Datasheet Search
  English  ▼

X  

OPA859 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA859
Description  OPA859-Q1 1.8-GHz Unity-Gain Bandwidth, 3.3-nV/?숰z, FET Input Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA859 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA859 Datasheet HTML 5Page - Texas Instruments OPA859 Datasheet HTML 6Page - Texas Instruments OPA859 Datasheet HTML 7Page - Texas Instruments OPA859 Datasheet HTML 8Page - Texas Instruments OPA859 Datasheet HTML 9Page - Texas Instruments OPA859 Datasheet HTML 10Page - Texas Instruments OPA859 Datasheet HTML 11Page - Texas Instruments OPA859 Datasheet HTML 12Page - Texas Instruments OPA859 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS+ = 2.5 V, VS– = –2.5 V, VIN+ = 0 V, Gain = 1 V/V, RF = 0 Ω, RL = 200 Ω, and output load referenced to
midsupply (unless otherwise noted)
Frequency (Hz)
-12
-9
-6
-3
0
3
1M
10M
100M
1G
D306
Gain = +1 V/V
Gain = 1 V/V
Gain = +2 V/V
Gain = +5 V/V
Gain = +20 V/V
VOUT = 2 VPP
Figure 6-7. Large-Signal Frequency Response vs Gain
Frequency (Hz)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
1M
10M
100M
D307
VOUT = 2 VPP
Figure 6-8. Large-Signal Response for 0.1-dB Gain Flatness
Frequency (Hz)
0.01
0.1
1
10
100
1M
10M
100M
100k
D309
Small-Signal Response
Figure 6-9. Closed-Loop Output Impedance vs Frequency
Frequency (Hz)
-15
0
15
30
45
60
75
10k
100k
1M
10M
100M
1G
45
0
-45
-90
-135
-180
-225
D310
AOL Magnitude (dB)
AOL Phase (q)
Small-Signal Response
Figure 6-10. Open-Loop Magnitude and Phase vs Frequency
Frequency (Hz)
1
10
100
1k
10k
100k
1M
10M
100M
D311
Figure 6-11. Voltage Noise Density vs Frequency
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
2.6
2.8
3
3.2
3.4
3.6
3.8
4
D312
Frequency 10 MHz
Figure 6-12. Voltage Noise Density vs Ambient Temperature
www.ti.com
OPA859-Q1
SBOSA59 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: OPA859-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com