Electronic Components Datasheet Search
  English  ▼

X  

OPA859 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA859
Description  OPA859-Q1 1.8-GHz Unity-Gain Bandwidth, 3.3-nV/?숰z, FET Input Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA859 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA859 Datasheet HTML 3Page - Texas Instruments OPA859 Datasheet HTML 4Page - Texas Instruments OPA859 Datasheet HTML 5Page - Texas Instruments OPA859 Datasheet HTML 6Page - Texas Instruments OPA859 Datasheet HTML 7Page - Texas Instruments OPA859 Datasheet HTML 8Page - Texas Instruments OPA859 Datasheet HTML 9Page - Texas Instruments OPA859 Datasheet HTML 10Page - Texas Instruments OPA859 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
6.5 Electrical Characteristics (continued)
VS+ = 5 V, VS- = 0 V, input common-mode biased at midsupply, unity gain configuration, RL = 200 Ω, output load is referenced
to midsupply, and TA ≈ +25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO_LIN
Linear output drive (sink and source)
RL = 10 Ω, AOL > 52 dB
65
76
mA
TA = –40°C to +125°C, RL = 10 Ω,
AOL > 52 dB
64
ISC
Output short-circuit current
85
105
mA
POWER SUPPLY
IQ
Quiescent current
VS+ = 5 V
18
20.5
24
mA
VS+ = 3.3 V
17.5
20
23.5
VS+ = 5.25 V
18
21
24
TA = 125°C
24.5
TA = –40°C
18.5
PSRR+
Positive power-supply rejection ratio
66
74
dB
PSRR–
Negative power-supply rejection ratio
64
72
POWER DOWN
Disable voltage threshold
Amplifier OFF below this voltage
0.65
1
V
Enable voltage threshold
Amplifier ON above this voltage
1.5
1.8
V
Power-down quiescent current
70
140
µA
PD bias current
70
200
µA
Turnon time delay
Time to VOUT = 90% of final value
25
ns
Turnoff time delay
120
ns
www.ti.com
OPA859-Q1
SBOSA59 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: OPA859-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com