Electronic Components Datasheet Search
  English  ▼

X  

OPA859 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA859
Description  OPA859-Q1 1.8-GHz Unity-Gain Bandwidth, 3.3-nV/?숰z, FET Input Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA859 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA859 Datasheet HTML 13Page - Texas Instruments OPA859 Datasheet HTML 14Page - Texas Instruments OPA859 Datasheet HTML 15Page - Texas Instruments OPA859 Datasheet HTML 16Page - Texas Instruments OPA859 Datasheet HTML 17Page - Texas Instruments OPA859 Datasheet HTML 18Page - Texas Instruments OPA859 Datasheet HTML 19Page - Texas Instruments OPA859 Datasheet HTML 20Page - Texas Instruments OPA859 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
8.3 Feature Description
8.3.1 Input and ESD Protection
The OPA859-Q1 is fabricated on a low-voltage, high-speed, BiCMOS process. The internal, junction breakdown
voltages are low for these small geometry devices, and as a result, all device pins are protected with internal
ESD protection diodes to the power supplies as Figure 8-3 shows. There are two antiparallel diodes between the
inputs of the amplifier that clamp the inputs during an overrange or fault condition.
+
±
VS+
VSí
VIN+
VOUT
Power Supply
ESD Cell
VINí
FB
Figure 8-3. Internal ESD Structure
8.3.2 Feedback Pin
The OPA859-Q1 pin layout is optimized to minimize parasitic inductance and capacitance, which is a critical care
about in high-speed analog design. The FB pin (pin 1) is internally connected to the output of the amplifier. The
FB pin is separated from the inverting input of the amplifier (pin 3) by a no connect (NC) pin (pin 2). The NC pin
must be left floating. There are two advantages to this pin layout:
1. A feedback resistor (RF) can connect between the FB and IN– pin on the same side of the package (see
Figure 8-4) rather than going around the package.
2. The isolation created by the NC pin minimizes the capacitive coupling between the FB and IN– pins by
increasing the physical separation between the pins.
1
FB
PD
8
2
NC
7
VS+
3
IN±
6
OUT
4
IN+
5
VS±
R
F
Figure 8-4. RF Connection Between FB and IN– Pins
www.ti.com
OPA859-Q1
SBOSA59 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA859-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com