Electronic Components Datasheet Search
  English  ▼

X  

OPA859 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA859
Description  OPA859-Q1 1.8-GHz Unity-Gain Bandwidth, 3.3-nV/?숰z, FET Input Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA859 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA859 Datasheet HTML 17Page - Texas Instruments OPA859 Datasheet HTML 18Page - Texas Instruments OPA859 Datasheet HTML 19Page - Texas Instruments OPA859 Datasheet HTML 20Page - Texas Instruments OPA859 Datasheet HTML 21Page - Texas Instruments OPA859 Datasheet HTML 22Page - Texas Instruments OPA859 Datasheet HTML 23Page - Texas Instruments OPA859 Datasheet HTML 24Page - Texas Instruments OPA859 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The OPA859-Q1 offers high input impedance, very high-bandwidth, high slew-rate, low noise, and better than –
60 dBc of distortion performance at frequencies up to 100 MHz. These features make this device an excellent
front-end buffer in high-speed data acquisition systems. The wide bandwidth also makes this amplifier an
excellent choice for high-gain active filter systems.
9.2 Typical Application
Figure 9-1 shows the OPA859-Q1 configured as a transimpedance amplifier (U1) in a wide-bandwidth, optical
front-end system. A second OPA859-Q1 configured as a unity-gain buffer (U2) sets a dc offset voltage to the
THS4520. The THS4520 is used to convert the single-ended transimpedance output of the OPA859-Q1 into a
differential output signal. The THS4520 drives the input of the ADS54J64, 14-bit, 1-GSPS analog-to-digital
converter (ADC) that digitizes the analog signal.
+
±
VBIAS
CF
RF
3.5 V
5 V
OPA859
+
±
499
499
499
±
+
499
VOCM = 1.3 V
5 V
+
±
2.95 V
5 V
OPA859
ADS54J64
Low-pass
filter
U1
U2
Figure 9-1. OPA859-Q1 as Both a TIA and a Buffer in an Optical Front-End System
9.2.1 Design Requirements
The objective is to design a low noise, wideband optical front-end system using the OPA859-Q1 as a
transimpedance amplifier. The design requirements are:
• Amplifier supply voltage: 5 V
• TIA common-mode voltage: 3.5 V
• THS4520 gain: 1 V/V
• ADC input common-mode voltage: 1.3 V
• ADC analog differential input range: 1.1 VPP
9.2.2 Detailed Design Procedure
The OPA859-Q1 meets the growing demand for wideband, low-noise photodiode amplifiers. The closed-loop
bandwidth of a transimpedance amplifier is a function of the following:
1. The total input capacitance (CIN). This total includes the photodiode capacitance, the input capacitance of the
amplifier (common-mode and differential capacitance) and any stray capacitance from the PCB.
www.ti.com
OPA859-Q1
SBOSA59 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA859-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com