Electronic Components Datasheet Search
  English  ▼

X  

OPA859 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA859
Description  OPA859-Q1 1.8-GHz Unity-Gain Bandwidth, 3.3-nV/?숰z, FET Input Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA859 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA859 Datasheet HTML 9Page - Texas Instruments OPA859 Datasheet HTML 10Page - Texas Instruments OPA859 Datasheet HTML 11Page - Texas Instruments OPA859 Datasheet HTML 12Page - Texas Instruments OPA859 Datasheet HTML 13Page - Texas Instruments OPA859 Datasheet HTML 14Page - Texas Instruments OPA859 Datasheet HTML 15Page - Texas Instruments OPA859 Datasheet HTML 16Page - Texas Instruments OPA859 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS+ = 2.5 V, VS– = –2.5 V, VIN+ = 0 V, Gain = 1 V/V, RF = 0 Ω, RL = 200 Ω, and output load referenced to
midsupply (unless otherwise noted)
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
D364
µ = –2.1 µV/°C
σ = 2 µV/°C
32 Units Tested
Figure 6-31. Offset Voltage vs Ambient Temperature
Common-Mode Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
-1
-0.5
0
0.5
1
1.5
2
D366
Unit 1
Unit 2
Unit 3
VS = 5 V
3 Typical Units
Figure 6-32. Offset Voltage vs Input Common-Mode Voltage
Common-Mode Voltage
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
-0.5
0
0.5
1
1.5
D367
TA = -40qC
TA = +25qC
TA = +125qC
VS = 5 V
Figure 6-33. Offset Voltage vs Input Common-Mode Voltage vs
Ambient Temperature
Output Voltage (V)
1
1.5
2
2.5
3
3.5
4
4.5
-5
-4
-3
-2
-1
0
1
2
3
4
5
D369
Unit 1
Unit 2
Unit 3
VS = 5 V
3 Typical Units
Figure 6-34. Offset Voltage vs Output Swing
Output Voltage (V)
1
1.5
2
2.5
3
3.5
4
4.5
-4
-3
-2
-1
0
1
2
3
4
D370
TA = -40qC
TA = +25qC
TA = +125qC
VS = 5 V
Figure 6-35. Offset Voltage vs Output Swing vs Ambient
Temperature
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0.1p
1p
10p
100p
1n
10n
D371
Unit 1
Unit 2
Unit 3
3 Typical Units
Figure 6-36. Input Bias Current vs Ambient Temperature
www.ti.com
OPA859-Q1
SBOSA59 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA859-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com