Electronic Components Datasheet Search
  English  ▼

X  

OPA859 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA859
Description  OPA859-Q1 1.8-GHz Unity-Gain Bandwidth, 3.3-nV/?숰z, FET Input Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA859 Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA859 Datasheet HTML 19Page - Texas Instruments OPA859 Datasheet HTML 20Page - Texas Instruments OPA859 Datasheet HTML 21Page - Texas Instruments OPA859 Datasheet HTML 22Page - Texas Instruments OPA859 Datasheet HTML 23Page - Texas Instruments OPA859 Datasheet HTML 24Page - Texas Instruments OPA859 Datasheet HTML 25Page - Texas Instruments OPA859 Datasheet HTML 26Page - Texas Instruments OPA859 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
9.2.3 Application Curves
Photodiode capacitance (pF)
0
2
4
6
8
10
12
14
16
18
20
0
15
25
30
50
45
75
60
100
75
125
90
150
105
175
120
200
135
225
150
D409
f-3dB, RF = 2 k:
f-3dB, RF = 5 k:
IRN, RF = 2 k:
IRN, RF = 5 k:
Figure 9-2. Bandwidth and Noise vs Photodiode Capacitance
Feedback Resistance (k:)
1
10
100
0
0
50
20
100
40
150
60
200
80
250
100
300
120
350
140
D410
f-3dB, CF = 0.5 pF
f-3dB, CF = 1 pF
IRN, CF = 0.5 pF
IRN, RF = 1 pF
Figure 9-3. Bandwidth and Noise vs Feedback Resistance
10 Power Supply Recommendations
The OPA859-Q1 operates on supplies from 3.3 V to 5.25 V. The OPA859-Q1 operates on single-sided supplies,
split and balanced bipolar supplies, and unbalanced bipolar supplies. Because the OPA859-Q1 does not feature
rail-to-rail inputs or outputs, the input common-mode and output swing ranges are limited at 3.3-V supplies.
±
+
50-Ÿ 6RXUFH
V
I
+
V
S+
0.1 …F
R
T
49.9
R
G
75
R
F
453
6.8 …F
b) Split supply configuration
a) Single supply configuration
±
+
50-Ÿ 6RXUFH
V
I
+
V
S+
0.1 …F
R
T
49.9
R
G
75
R
F
453
6.8 …F
200
+
0.1 …F
6.8 …F
V
S±
200
V
S+
2
V
S+
2
V
S+
2
Figure 10-1. Split and Single Supply Circuit Configuration , Gain = 7 V/V
www.ti.com
OPA859-Q1
SBOSA59 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: OPA859-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com