Electronic Components Datasheet Search
  English  ▼

X  

OPA859 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA859
Description  OPA859-Q1 1.8-GHz Unity-Gain Bandwidth, 3.3-nV/?숰z, FET Input Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA859 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA859 Datasheet HTML 12Page - Texas Instruments OPA859 Datasheet HTML 13Page - Texas Instruments OPA859 Datasheet HTML 14Page - Texas Instruments OPA859 Datasheet HTML 15Page - Texas Instruments OPA859 Datasheet HTML 16Page - Texas Instruments OPA859 Datasheet HTML 17Page - Texas Instruments OPA859 Datasheet HTML 18Page - Texas Instruments OPA859 Datasheet HTML 19Page - Texas Instruments OPA859 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
8 Detailed Description
8.1 Overview
The ultra-wide, 900-MHz gain bandwidth product (GBWP) of the OPA859-Q1, combined with the broadband
voltage noise of 3.3 nV/√Hz, produces a viable amplifier for wideband transimpedance applications, high-speed
data acquisition systems, and applications with weak signal inputs that require low-noise and high-gain front
ends. The OPA859-Q1 combines multiple features to optimize dynamic performance. In addition to the wide
small-signal bandwidth, the OPA859-Q1 has 400 MHz of large-signal bandwidth (VOUT = 2 VPP), and a slew rate
of 1150 V/µs.
The OPA859-Q1 is offered in a 2-mm × 2-mm, 8-pin WSON package that features a feedback (FB) pin for a
simple feedback network connection between the amplifiers output and inverting input. Excess capacitance on
an amplifiers input pin can reduce phase margin causing instability. This problem is exacerbated in the case of
very wideband amplifiers like the OPA859-Q1. To reduce the effects of stray capacitance on the input node, the
OPA859-Q1 pinout features an isolation pin (NC) between the feedback and inverting input pins that increases
the physical spacing between them thereby reducing parasitic coupling at high frequencies. The OPA859-Q1
also features a very low capacitance input stage with only 0.8-pF of total input capacitance.
8.2 Functional Block Diagram
The OPA859-Q1 is a classic voltage feedback operational amplifier (op amp) with two high-impedance inputs
and a low-impedance output. Standard application circuits are supported, like the two basic options shown in
Figure 8-1 and Figure 8-2. The DC operating point for each configuration is level-shifted by the reference voltage
(VREF), which is typically set to midsupply in single-supply operation. VREF is typically connected to ground in
split-supply applications.
+
±
VIN
RG
VREF
VREF
RF
VSIG
VREF
(1 + RF / RG) × VSIG
VOUT
VS+
VS±
Figure 8-1. Noninverting Amplifier
+
±
VIN
RG
VREF
VREF
RF
VSIG
VREF
±(RF / RG) × VSIG
VOUT
VS+
VS±
Figure 8-2. Inverting Amplifier
OPA859-Q1
SBOSA59 – FEBRUARY 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA859-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com