Electronic Components Datasheet Search
  English  ▼

X  

OPA859 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # OPA859
Description  OPA859-Q1 1.8-GHz Unity-Gain Bandwidth, 3.3-nV/?숰z, FET Input Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA859 Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA859 Datasheet HTML 14Page - Texas Instruments OPA859 Datasheet HTML 15Page - Texas Instruments OPA859 Datasheet HTML 16Page - Texas Instruments OPA859 Datasheet HTML 17Page - Texas Instruments OPA859 Datasheet HTML 18Page - Texas Instruments OPA859 Datasheet HTML 19Page - Texas Instruments OPA859 Datasheet HTML 20Page - Texas Instruments OPA859 Datasheet HTML 21Page - Texas Instruments OPA859 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
8.3.3 Wide Gain-Bandwidth Product
Figure 6-10 shows the open-loop magnitude and phase response of the OPA859-Q1. Calculate the gain
bandwidth product of any op amp by determining the frequency at which the AOL is 40 dB and multiplying that
frequency by a factor of 100. The open-loop response shows the OPA859-Q1 to have approximately 63° of
phase-margin when configured as a unity-gain buffer.
Figure 8-5 shows the open-loop magnitude (AOL) of the OPA859-Q1 as a function of temperature. The results
show approximately 5° of phase-margin variation over the entire temperature range. Semiconductor process
variation is the naturally occurring variation in the attributes of a transistor (Early-voltage, β, channel-length, and
width) and other passive elements (resistors and capacitors) when fabricated into an integrated circuit. The
process variation can occur across devices on a single wafer or across devices over multiple wafer lots over
time. Typically the variation across a single wafer is tightly controlled. Figure 8-6 shows the AOL magnitude of the
OPA859-Q1 as a function of process variation over time. The results show the AOL curve for the nominal process
corner and the variation one standard deviation from the nominal. The simulated results show less than 2° of
phase-margin difference within a standard deviation of process variation when the amplifier is configured as a
unity-gain bufffer.
Frequency (Hz)
-15
0
15
30
45
60
75
100k
1M
10M
100M
1G
D404
AOL at 40qC
AOL at 25qC
AOL at +125qC
Figure 8-5. Open-Loop Gain vs Temperature
Frequency (Hz)
-15
0
15
30
45
60
75
100k
1M
10M
100M
1G
D405
AOL (
V
)
AOL (Typ.)
AOL (
V
)
Figure 8-6. Open-Loop Gain vs Process Variation
OPA859-Q1
SBOSA59 – FEBRUARY 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA859-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com