Electronic Components Datasheet Search
  English  ▼

X  

MP2632B Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MP2632B
Description  All-In-One, 3A, Battery Charger with 3A Boost Current with Independent Torch-On and BATT_UVLO Latch-Off Funtion
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2632B Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MP2632B Datasheet HTML 20Page - Monolithic Power Systems MP2632B Datasheet HTML 21Page - Monolithic Power Systems MP2632B Datasheet HTML 22Page - Monolithic Power Systems MP2632B Datasheet HTML 23Page - Monolithic Power Systems MP2632B Datasheet HTML 24Page - Monolithic Power Systems MP2632B Datasheet HTML 25Page - Monolithic Power Systems MP2632B Datasheet HTML 26Page - Monolithic Power Systems MP2632B Datasheet HTML 27Page - Monolithic Power Systems MP2632B Datasheet HTML 28Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
MP2632B
– ALL-IN-ONE, 3A SW CHARGER, 3A BOOST
MP2632B Rev. 1.0
www.MonolithicPower.com
24
3/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
OPERATION FLOW CHART
POR
VCC > VCC_ UVLO?
4.65 V < VIN < 6.0 V ?
Yes
Boost Mode
SYS is Powered by VIN
Yes
Charge Mode
Sleep Mode
No
USB Detection
Done?
No
Any Charge Fault ?
Input Current
Limit is Configured
Yes
Yes
No
Short Low Pulse at PB ?
No
No
Yes
No Load is
Detected
No
No Load Timer
Expires?
Yes
No
Yes
VIN > 6.0 V ?
No
Input OVP
Fault
Yes
VBATT>2.9V ?
Yes
No
Figure 3: Mode Selection Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com