Electronic Components Datasheet Search
  English  ▼

X  

MP2632B Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2632B
Description  All-In-One, 3A, Battery Charger with 3A Boost Current with Independent Torch-On and BATT_UVLO Latch-Off Funtion
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2632B Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2632B Datasheet HTML 5Page - Monolithic Power Systems MP2632B Datasheet HTML 6Page - Monolithic Power Systems MP2632B Datasheet HTML 7Page - Monolithic Power Systems MP2632B Datasheet HTML 8Page - Monolithic Power Systems MP2632B Datasheet HTML 9Page - Monolithic Power Systems MP2632B Datasheet HTML 10Page - Monolithic Power Systems MP2632B Datasheet HTML 11Page - Monolithic Power Systems MP2632B Datasheet HTML 12Page - Monolithic Power Systems MP2632B Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
MP2632B
– ALL-IN-ONE, 3A, SW CHARGER, 3A BOOST
MP2632B Rev. 1.0
www.MonolithicPower.com
9
3/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5.0V, RS1 = 10mΩ, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Indication and Logic
LED1, LED2, LED3, and LED4
output low voltage
Sinking 5mA
200
mV
TC output low voltage
Sinking 100mA
550
mV
LED1, LED2, LED3, LED4, TC
leakage current
Connected to 5V
0.2
µA
INOVP, BOVP and NTC, fault
blinking frequency (6)
1
Hz
PB input logic low voltage
0.4
V
PB input logic high voltage
1.4
V
Protection
Trickle charge time
CTMR = 0.1µF, remains in TC
mode, ITC = 250mA
16
min
Total charge time
CTMR = 0.1µF, ICC = 1A
390
min
NTC low temp, rising threshold
RNTC = NCP18XH103 (0°C)
65.2
%
66.2
%
67.2
%
VSYS
NTC low temp, rising threshold
hysteresis
2.4%
NTC high temp, rising
threshold
RNTC = NCP18XH103(50°C)
34.7
%
35.7
%
36.7
%
NTC high temp, rising
threshold hysteresis
2%
Charging current foldback
threshold (6)
Charge mode
120
°C
Thermal shutdown threshold (6)
150
°C
Input DP1/DM1 USB Detection
DP1 voltage source
VDP_SRC
0.5
0.6
0.7
V
Data connect detect current
source
IDP_SRC
7
13
μA
DM1 sink current
IDM_SINK
50
100
150
μA
Leakage current input
DP1/DM1
IDP_LKG
-1
1
mA
IDM_LKG
-1
1
mA
Data detect voltage
VDAT_REF
0.25
0.4
V
Logic low (logic threshold)
VLGC_LOW
0.8
V
DM pull-down resistor
19
k
Ω
Logic I/O Characteristics
Low-logic voltage threshold
VL
0.4
V
High-logic voltage threshold
VH
1.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com