Electronic Components Datasheet Search
  English  ▼

X  

MP2632B Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2632B
Description  All-In-One, 3A, Battery Charger with 3A Boost Current with Independent Torch-On and BATT_UVLO Latch-Off Funtion
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2632B Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2632B Datasheet HTML 1Page - Monolithic Power Systems MP2632B Datasheet HTML 2Page - Monolithic Power Systems MP2632B Datasheet HTML 3Page - Monolithic Power Systems MP2632B Datasheet HTML 4Page - Monolithic Power Systems MP2632B Datasheet HTML 5Page - Monolithic Power Systems MP2632B Datasheet HTML 6Page - Monolithic Power Systems MP2632B Datasheet HTML 7Page - Monolithic Power Systems MP2632B Datasheet HTML 8Page - Monolithic Power Systems MP2632B Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
MP2632B
All-In-One, 3A, Battery Charger with 3A
Boost Current with Independent Torch-On
and BATT_UVLO Latch-Off Funtion
MP2632B Rev. 1.0
www.MonolithicPower.com
1
3/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The MP2632B is a highly integrated, flexible,
switch-mode
battery
charger
with
system
power-path management designed for single-
cell Li-ion or Li-polymer batteries for use in a
wide range of applications.
The MP2632B can operate in both charge
mode and boost mode to allow for full-system
and battery-power management.
The MP2632B has an integrated VIN-to-SYS
pass-through path to pass the input voltage to
the system. The pass-through path has built-in
over-voltage (OVP) and over-current protection
(OCP) and a higher priority over the charging
path.
When the input power is present, the MP2632B
operates in
charge mode. The
MP2632B
detects the battery voltage automatically and
charges the battery in three phases: trickle
current, constant current, and constant voltage.
Other features include charge termination and
auto-recharge. The MP2632B also integrates
both input current limit and input voltage
regulation to manage the input power and
prioritize the system load.
In the absence of
an
input
source, the
MP2632B switches to boost mode through PB
to power SYS from the battery. In boost mode,
the OLIM pin programs the output current limit,
and the MP2632B turns off at light load
automatically. The MP2632B also allows for
output
short-circuit
protection
(SCP)
to
disconnect the battery completely from the load
in the event of a short-circuit fault. Normal
operation resumes once the short-circuit fault is
removed.
A 4-LED driver is integrated for voltage-based
fuel gauge indication. Together with torch-light
control, the MP2632B provides an all-in-one
solution
for
power
banks
and
similar
applications without an external microcontroller.
The
MP2632B
is
available
in
a
QFN-26
(4mmx4mm) package.
FEATURES
 Up to 20V Sustainable Input Voltage
 4.65V to 6V Operating Input Voltage Range
 Power Management Function, Integrated
Input Current Limit, Input Voltage
Regulation
 Up to 3A Programmable Charge Current
 Trickle-Charge Function
 Selectable 4.2V / 4.35V / 4.45V Charge
Voltage with 0.5% Accuracy
 4-LED Driver for Battery Fuel Gauge
Indication
 Automatic Turn-Off at Light Load
 Input Source Detection
 Output Source Signaling
 Independent Torch-Light Control
 Negative Temperature Coefficient Pin (NTC)
for Battery Temperature Monitoring
 Programmable Timer Back-Up Protection
 Thermal Regulation and Thermal Shutdown
 Internal Battery Reverse Leakage Blocking
 Integrated Over-Voltage Protection (OVP)
and Over-Current Protection (OCP) for
Pass-Through Path
 Reverse Boost Operation Mode for System
Power
 Up to 3.0A Programmable Output Current
Limit for Boost Mode
 Integrated Short-Circuit Protection (SCP)
and Output Over-Voltage Protection (OVP)
for Boost Mode
 Available in a QFN-26 (4mmx4mm)
Package
APPLICATIONS
 Sub-Battery Applications
 Power-Bank Applications for Smartphones
 Tablets and Other Portable Devices
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.


Similar Part No. - MP2632B

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2632 MPS-MP2632 Datasheet
2Mb / 37P
All-in-One, 3A Battery Charger with 3A Boost Current
MP2632GR MPS-MP2632GR Datasheet
2Mb / 37P
All-in-One, 3A Battery Charger with 3A Boost Current
More results

Similar Description - MP2632B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1511 LINER-LT1511 Datasheet
145Kb / 16P
Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting
logo
Maxim Integrated Produc...
MAX1644 MAXIM-MAX1644 Datasheet
183Kb / 32P
Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
19-1566; Rev 0a; 10/99
logo
Linear Technology
LTC3128 LINER-LTC3128_15 Datasheet
513Kb / 24P
3A Monolithic Buck-Boost Supercapacitor Charger and Balancer with Accurate Input Current Limit
LT1511 LINER-LT1511_15 Datasheet
150Kb / 16P
Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting
logo
Monolithic Power System...
MP2632 MPS-MP2632 Datasheet
2Mb / 37P
All-in-One, 3A Battery Charger with 3A Boost Current
MP2690 MPS-MP2690 Datasheet
2Mb / 37P
All-in-One, 2.5A Battery Charger with 2.1A Boost Current
logo
ETA SOLUTIONS CO. LIMIT...
ETA6082 ETA-ETA6082 Datasheet
141Kb / 1P
Single Inductor, 3A Switch Mode Battery Charger, 2.1A USB OTG, and Fuel Gauge All-in-One Solution
ETA6085 ETA-ETA6085 Datasheet
158Kb / 1P
Single Inductor, 3A Switch Mode Battery Charger with 2.5A USB OTG
logo
Shenzhen Huazhimei Semi...
HM5907 HMSEMI-HM5907 Datasheet
998Kb / 5P
3A Switching Charger, 2.4A Boost and Fuel Gauge in One ESOP8 with Single Inductor
HM5907B HMSEMI-HM5907B Datasheet
763Kb / 5P
3A Switching Charger, 2.4A Boost and 3 LED-indicators for battery level,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com