Electronic Components Datasheet Search
  English  ▼

X  

MP2632B Datasheet(PDF) 33 Page - Monolithic Power Systems

Part # MP2632B
Description  All-In-One, 3A, Battery Charger with 3A Boost Current with Independent Torch-On and BATT_UVLO Latch-Off Funtion
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2632B Datasheet(HTML) 33 Page - Monolithic Power Systems

Back Button MP2632B Datasheet HTML 29Page - Monolithic Power Systems MP2632B Datasheet HTML 30Page - Monolithic Power Systems MP2632B Datasheet HTML 31Page - Monolithic Power Systems MP2632B Datasheet HTML 32Page - Monolithic Power Systems MP2632B Datasheet HTML 33Page - Monolithic Power Systems MP2632B Datasheet HTML 34Page - Monolithic Power Systems MP2632B Datasheet HTML 35Page - Monolithic Power Systems MP2632B Datasheet HTML 36Page - Monolithic Power Systems MP2632B Datasheet HTML 37Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
MP2632B
– ALL-IN-ONE, 3A SW CHARGER, 3A BOOST
MP2632B Rev. 1.0
www.MonolithicPower.com
33
3/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Integrated Over-Current Protection (OCP)
and Over-Voltage Protection (OVP) for Pass-
Through Path
The MP2632B has an integrated VIN-to-SYS
pass-through path to allow for direct connection
of the input voltage to the system. Therefore,
The MP2632B monitors both the input current
and input voltage continuously. In the event of
an overload, the charge current is reduced to
ensure
priority
of
the
system
power
requirements.
Additionally, the MP2632B also features input
over-current protection (OCP) and over-voltage
protection (OVP) for the VIN-to-SYS pass-
through path.
Input Over-Current Protection (OCP)
If the total input current exceeds 5A, Q2 is
controlled linearly to regulate the current (see
Figure 12). If the current continues to exceed
5A after 200
μs of blanking time, Q2 is turned off.
If the input current exceeds 7A, Q2 is turned off
almost
instantaneously
and
without
any
blanking time. This is done to protect both Q1
and Q2.
Input Over-Voltage Protection (OVP)
The MP2632B has a built-in over-voltage
threshold (VIN_OVP). When the input voltage is
higher than VIN_OVP, an invalid input power
source is detected by the MP2632B. At this
time, the VIN-to-SYS pass-through path is
disabled.
IN
SYS
Charge
Pump
Q1
Q2
Figure 12: Integrated Pass-Through Path
Battery-Short Protection
In charge mode, the MP2632B has two current-
limit thresholds. CC and CV modes have a
peak-current-limit threshold of 7A, while TC
mode has a current-limit threshold of 4A.
Therefore, the current-limit threshold decreases
to 4A when the battery voltage drops below the
TC threshold. The switching frequency also
decreases when the BATT voltage drops to
40% of the battery regulation voltage.
Thermal Foldback Function
The MP2632B implements thermal protection to
prevent thermal damage to the IC and the
surrounding components. An internal thermal
sense
and
feedback
loop
decrease
the
programmed charge current automatically when
the
die temperature reaches 120°C. This
function
is
called
charge-current
thermal
foldback. This function protects the device from
thermal damage and can also set the charge
current based on requirements rather than
worst-case
conditions
while
ensuring
safe
operation. Furthermore, the MP2632B includes
a thermal shutdown protection, where charging
stops if the junction temperature rises to 150°C.
Non-Sync Operation Mode
During charging mode, the MP2632B monitors
the total input current flowing from VIN to SYS
continuously. When the input current is lower
than 170mA, the low-side switch operates as a
non-synchronous MOSFET.
Constant-Off-Time Control for Large Duty
Charging Operation
The MP2632B has a built-in 600kHz frequency
oscillator for the switching frequency. Unlike a
fixed
frequency
in
traditional
peak-current
control, the MP2632B features a constant-off-
time control to support the constant-current
charge, even when the input voltage is very
close to the battery voltage. The MP2632B
compares the high-side MOSFET sense current
with comp level continuously (see Figure 13). If
the sense current does not reach the comp
level within the original switching period, the
next clock is delayed until the sense current
reaches the comp level. As a result, the duty
cycle can be extended as long as possible.
Indication for Fault Flag in Charge Mode
The
MP2632B
is
designed
with
distinct
indication separating the charging fault from the
normal operation. The charging fault includes
INOVP, BOVP, and NTC fault, the four LED
pins blink with 1Hz of frequency simultaneously
(see Table 3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com