Electronic Components Datasheet Search
  English  ▼

X  

MP2632B Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2632B
Description  All-In-One, 3A, Battery Charger with 3A Boost Current with Independent Torch-On and BATT_UVLO Latch-Off Funtion
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2632B Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2632B Datasheet HTML 1Page - Monolithic Power Systems MP2632B Datasheet HTML 2Page - Monolithic Power Systems MP2632B Datasheet HTML 3Page - Monolithic Power Systems MP2632B Datasheet HTML 4Page - Monolithic Power Systems MP2632B Datasheet HTML 5Page - Monolithic Power Systems MP2632B Datasheet HTML 6Page - Monolithic Power Systems MP2632B Datasheet HTML 7Page - Monolithic Power Systems MP2632B Datasheet HTML 8Page - Monolithic Power Systems MP2632B Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
MP2632B
– ALL-IN-ONE, 3A, SW CHARGER, 3A BOOST
MP2632B Rev. 1.0
www.MonolithicPower.com
4
3/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PIN FUNCTIONS
P/N
Name
I/O
Description
1
PGND
Power
Power ground.
2
SW
Power
Switch output node. Do not place vias on the SW plane during the PCB layout.
3, 4
SYS
Power
System output. Place a minimum 22µF ceramic capacitor as close to SYS and
PGND as possible. The total capacitance should not be lower than 44µF.
5
VIN
Power
Adapter input. Place a bypass capacitor close to VIN to prevent large input voltage
spikes.
6
DM1
I
Negative pin of the input USB data line pair. DM1 together with DP1 implements
USB host/charging port detection automatically.
7
DP1
I
Positive pin of the input USB data line pair. DP1 together with DM1 implements
USB host/charging port detection automatically.
8
TC
O
Torch-control output. TC is an open-drain structure. The internal driver MOSFET
is on when PB is pulled low for more than 1.5ms twice within one second.
9
ILIM
I
Input current set. Connect ILIM to GND with an external resistor to program the
input current limit in charge mode.
10
DM2
O
Negative pin of the output USB data line pair. DM2 together with DP2 provides
the correct voltage signal for attached portable equipment to perform DCP detection
automatically.
11
DP2
O
Positive pin of the output USB data line pair. DP2 together with DM2 provides
the correct voltage signal for attached portable equipment to perform DCP detection
automatically.
12
PB
I
Push button input. Connect a push button from PB to AGND. PB is pulled up by a
resistor internally. When PB is set from high to low for more than 1.5ms, the boost
is enabled and latched if VIN is not available.
LED1-4 are on for five seconds whenever PB is set from high to low for more than
1.5ms.
If PB is set from high to low for more than 1.5ms twice within one second and the
torch light is off, the torch light drive MOSFET is on and latched. However, if PB is
set from high to low for more than 1.5ms twice within one second and the torch
drive MOSFET is on, the torch light drive MOSFET turns off.
If PB is set from high to low for more than 2.5 seconds, this is defined as a long
push, and boost is shut down manually.
13
TMR
I
Oscillator period timer. Connect a timing capacitor between TMR and GND to set
the oscillator period. Short TMR to GND to disable the timer function.
14
ISET
I
Programmable charge current. Connect an external resistor to GND to program
the charge current.
15
OLIM
I
Programmable output current limit for boost mode. Connect an external resistor
to GND to program the system current in boost mode.
16
VCC
I
Internal circuit power supply. Bypass VCC to GND with a ceramic capacitor no
higher than 100nF. VCC cannot carry an external load higher than 5mA.
17
AGND
I/O
Analog ground.
18
VNTC
O
Pull-up voltage source for the NTC function. VNTC is connected to VCC through
an internal MOSFET. VNTC is disconnected from VCC during sleep mode. VNTC
should be the pull-up voltage of the external NTC resistive divider.
19
NTC
I
Negative temperature coefficient (NTC) thermistor.
20
VB
I
Programmable battery regulation voltage. Leave VB floating for 4.2V. Connect
VB to logic high for 4.45V. Connect VB to GND for 4.35V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com