Electronic Components Datasheet Search
  English  ▼

X  

MP2632B Datasheet(PDF) 35 Page - Monolithic Power Systems

Part # MP2632B
Description  All-In-One, 3A, Battery Charger with 3A Boost Current with Independent Torch-On and BATT_UVLO Latch-Off Funtion
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2632B Datasheet(HTML) 35 Page - Monolithic Power Systems

Back Button MP2632B Datasheet HTML 31Page - Monolithic Power Systems MP2632B Datasheet HTML 32Page - Monolithic Power Systems MP2632B Datasheet HTML 33Page - Monolithic Power Systems MP2632B Datasheet HTML 34Page - Monolithic Power Systems MP2632B Datasheet HTML 35Page - Monolithic Power Systems MP2632B Datasheet HTML 36Page - Monolithic Power Systems MP2632B Datasheet HTML 37Page - Monolithic Power Systems MP2632B Datasheet HTML 38Page - Monolithic Power Systems MP2632B Datasheet HTML 39Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
MP2632B
– ALL-IN-ONE, 3A SW CHARGER, 3A BOOST
MP2632B Rev. 1.0
www.MonolithicPower.com
35
3/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
The MP2632B can operate in CC mode when
the current limit is reached, and VIN does not
drop to the down mode threshold (VBATT +
100mV) (see Figure 14).
SCP
VBATT+100mV
VSYS_REG
IOLIM
VSYS
ISYS
Figure 14: Boost Output U-I Curve
The MP2632B not only has CC mode during
the charging process, but also has CC mode
operation in boost mode for various applications.
SYS to BATT Block Protection
When there is no VIN and boost mode is not on,
the MP2632B is in sleep mode. The high-side
switch implements the body switch function,
which connects the body diode of the switch to
the high-voltage side of SW and SYS, which
blocks the external voltage on SYS from
flooding into the battery.
SYS Output Over-Current Protection (OCP)
The MP2632B integrates a three-phase output
OCP.
1. Phase one (boost mode output current limit):
When the output
current
exceeds the
programmed output current limit, the output
constant current loop controls the output
current, the output current remains at its
limit of IOLIM, and VSYS decreases.
2. Phase two (down mode): When VSYS drops
below VBATT + 100mV and the output current
loop remains in control, the boost converter
enters down mode and shuts down after
120μs of blanking time.
3. Phase three (short-circuit mode): When
VSYS drops below 4.0V (2V during boost soft
start), the boost converter shuts down
immediately
once
the
inductor
current
reaches the foldback peak-current limit of
the low-side N-channel MOSFET (N-FET).
The boost converter can also recover
automatically after a 1ms deglitch period.
Thermal Shutdown Protection
The thermal shutdown protection is also active
in boost mode. Once the junction temperature
rises higher than 150°C, the MP2632B enters
thermal shutdown. The MP2632B does not
resume normal operation until the junction
temperature drops below 120°C.
Automatic Off at Light Load
The boost turns off automatically if the load
current at BATT is below the typical 75mA
value for 16 seconds.
The MP2632B also features a long-push action
on PB to shut down the boost manually. A low
push on PB longer than 2.5 seconds is defined
as a long push (see Figure 15 for PB action).
Automatic Output DP2/DM2 Signaling
The MP2632B sets the DP2/DM2 signal based
on the load applied on USB2 in boost mode. In
pass-through mode, DP2 and DM2 are set
according to DP1 and DM1 detection results.
In boost mode, DM2/DP2 are set based on
three types of signals: DM2/DP2 separately
biased with a 2.7V voltage signal (default),
DM2/DP2 shorted, and DM2/DP2 shorted with
a 1.2V bias.
In pass-through mode, DM2/DP2 are connected
together if the dedicated charger ports are
detected and pulled down to ground separately
with a 15k
Ω resistor if SDP is identified.
Torch Control
If the internal torch drive MOSFET is off when
PB is pulled from high to low for more than
1.5ms twice within one second, the drive
MOSFET is turned on. Conversely, if the torch
drive MOSFET is on, the drive MOSFET is
turned off.
In MP2632B, torch light control is independent
from the automatic-off function in light load,
although it consumes battery current in boost
mode. The light-load automatic-off function is
still valid, even if the torch light is on.
If the torch light is on, the automatic off function
is still valid. If the MP2632B turns off the boost
automatically, the torch light remains on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com