Electronic Components Datasheet Search
  English  ▼

X  

MP2632B Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2632B
Description  All-In-One, 3A, Battery Charger with 3A Boost Current with Independent Torch-On and BATT_UVLO Latch-Off Funtion
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2632B Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2632B Datasheet HTML 3Page - Monolithic Power Systems MP2632B Datasheet HTML 4Page - Monolithic Power Systems MP2632B Datasheet HTML 5Page - Monolithic Power Systems MP2632B Datasheet HTML 6Page - Monolithic Power Systems MP2632B Datasheet HTML 7Page - Monolithic Power Systems MP2632B Datasheet HTML 8Page - Monolithic Power Systems MP2632B Datasheet HTML 9Page - Monolithic Power Systems MP2632B Datasheet HTML 10Page - Monolithic Power Systems MP2632B Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
MP2632B
– ALL-IN-ONE, 3A, SW CHARGER, 3A BOOST
MP2632B Rev. 1.0
www.MonolithicPower.com
7
3/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5.0V, RS1 = 10mΩ, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
VIN-to-SYS N-FET on resistance RVIN to SYS VCC = 5V
47
55
62
m
Ω
High-side P-FET on resistance
RH_DS
VCC = 5V
18
26
31
m
Ω
Low-side N-FET on resistance
RL_DS
VCC = 5V
18
26
31
m
Ω
High-side P-FET peak current
limit
IPEAK_HS
CC charge mode/boost mode
5.7
7
9.0
A
TC charge mode
1.9
2.3
3.0
A
Low-side N-FET peak current
limit
IPEAK_LS
6.4
8.0
9.6
A
Switching frequency
Fsw
500
600
800
kHz
VCC UVLO
VCC_UVLO
1.96
2.16
2.36
V
VCC UVLO hysteresis
100
mV
Charge Mode
Input quiescent current
IIN
Charge mode, ISYS = 0, battery
float
1.8
2.5
mA
Input current limit for DCP
IIN_LIMIT
RlLIM = 88.7k
Ω
380
435
490
mA
RlLIM = 49.9k
Ω
740
820
900
RlLIM = 14.7k
Ω
2580
2840
3100
Input current limit for SDP
IUSB
SDP is detected using DP1/
DM1 detection
400
450
500
mA
Input over-voltage protection
VIN_OVP
VIN rising
5.75
6.0
6.2
V
VIN_OVP hysteresis
VIN falling
250
mV
Input under-voltage lockout
VIN_UVLO
VIN falling
3.15
3.30
3.45
V
VUVLO hysteresis
VIN rising
155
mV
Input over-current threshold
IIN_OCP
5
A
Input over-current blanking time
(6)
τINOCBLK
200
µs
Input over-current recover time
(6)
τINRECVR
150
ms
Battery regulation (charge full)
voltage
VBATT_REG
Connect VB to GND
4.328
4.350
4.372
V
Leave VB floating
4.179
4.200
4.221
Connect VB to VCC
4.428
4.450
4.472
Recharge threshold
VRECH
Connect to VB to GND
4.10
4.16
4.22
V
Leave VB floating
3.95
4.02
4.08
Connect VB to VCC
4.19
4.26
4.32
Trickle charge voltage threshold
VBATT_TC
Connect VB to GND
3.00
3.07
3.13
V
Leave VB floating
2.90
2.96
3.02
Connect VB to VCC
3.07
3.14
3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com