Electronic Components Datasheet Search
  English  ▼

X  

MP2632B Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2632B
Description  All-In-One, 3A, Battery Charger with 3A Boost Current with Independent Torch-On and BATT_UVLO Latch-Off Funtion
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2632B Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2632B Datasheet HTML 7Page - Monolithic Power Systems MP2632B Datasheet HTML 8Page - Monolithic Power Systems MP2632B Datasheet HTML 9Page - Monolithic Power Systems MP2632B Datasheet HTML 10Page - Monolithic Power Systems MP2632B Datasheet HTML 11Page - Monolithic Power Systems MP2632B Datasheet HTML 12Page - Monolithic Power Systems MP2632B Datasheet HTML 13Page - Monolithic Power Systems MP2632B Datasheet HTML 14Page - Monolithic Power Systems MP2632B Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
MP2632B
– ALL-IN-ONE, 3A, SW CHARGER, 3A BOOST
MP2632B Rev. 1.0
www.MonolithicPower.com
11
3/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5V, CIN = CBATT = CSYS = C2 = 22µF, L1 = 2.2µH, RS1 = 10mΩ, C4 = CTMR = 0.1µF, battery
simulator, unless otherwise noted.
Fast Charge Efficiency
VIN = 5V, VBATT_REG = 4.2V, ICC = 3A
Constant-Voltage Charge Efficiency
VIN = 5V, VBATT_REG = 4.2V, ICC = 3A
70.00
75.00
80.00
85.00
90.00
95.00
100.00
3
3.3
3.6
3.9
4.2
4.5
VBATT (V)
75.00
80.00
85.00
90.00
95.00
100.00
0
1
2
3
4
IBATT (A)
Boost Efficiency
ROLIM = 0
ICC vs. RISET @ VIN = 5V
70.00
75.00
80.00
85.00
90.00
95.00
100.00
0
1
2
3
ISYS (A)
VBATT=3V
VBATT=3.7V
VBATT=4.2V
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
30
70
110
150
190
230
270
310
RISET (k
Ω)
ILIMIT vs. RILIMIT @ VIN = 5V
Programmable Output Current Limit,
Boost Mode
VBATT = 3.7V
0.00
0.50
1.00
1.50
2.00
2.50
3.00
10
30
50
70
90
RILIMIT (k
Ω)
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
40
80
120
160
200
ROLIM (k
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com