Electronic Components Datasheet Search
  English  ▼

X  

MP2632B Datasheet(PDF) 34 Page - Monolithic Power Systems

Part # MP2632B
Description  All-In-One, 3A, Battery Charger with 3A Boost Current with Independent Torch-On and BATT_UVLO Latch-Off Funtion
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2632B Datasheet(HTML) 34 Page - Monolithic Power Systems

Back Button MP2632B Datasheet HTML 30Page - Monolithic Power Systems MP2632B Datasheet HTML 31Page - Monolithic Power Systems MP2632B Datasheet HTML 32Page - Monolithic Power Systems MP2632B Datasheet HTML 33Page - Monolithic Power Systems MP2632B Datasheet HTML 34Page - Monolithic Power Systems MP2632B Datasheet HTML 35Page - Monolithic Power Systems MP2632B Datasheet HTML 36Page - Monolithic Power Systems MP2632B Datasheet HTML 37Page - Monolithic Power Systems MP2632B Datasheet HTML 38Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
MP2632B
– ALL-IN-ONE, 3A SW CHARGER, 3A BOOST
MP2632B Rev. 1.0
www.MonolithicPower.com
34
3/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Table 3: Indication at Charge Mode
Operation Status
LED1 to LED4 State
Normal charging
Depending on the battery voltage, LEDx blinks at 1Hz,
(refer to Fuel Gauge Indication section on page 36)
Charge full
LED1 to LED4 are all turned on
VIN UVLO
LED1 to LED4 are all turned off
VIN OVP, NTC fault, battery OVP
LED1 to LED4 are all blinking at 1Hz
Slope Compensation
HS Sense Current
HS Signal
Comp
600kH
z
Constant Off Time
Lower the Fsw to support larger Duty
Figure 13: Constant-Off Time Operation Profile
BOOST MODE OPERATION
Low-Voltage Start-Up
The minimum battery voltage required to start
up the circuit in boost mode is 3.2V. Initially,
when VSYS is less than VBATT, the MP2632B
works in down mode. In down mode, the
synchronous
P-channel
MOSFET
(P-FET)
stops switching, and its gate connects to VBATT
statically. The P-FET remains off for as long as
the voltage across the parasitic CDS (VSW) is
lower than VBATT. When the voltage across CDS
exceeds VBATT, the synchronous P-FET enters
linear mode, allowing the inductor current to
decrease and flow into SYS.
Once VSYS
exceeds VBATT, the P-FET gate is released, and
normal, closed-loop, pulse-width modulation
(PWM) operation is initiated. In boost mode, the
battery voltage can drop to as low as 2.9V
without affecting circuit operation.
SYS Disconnect and Inrush Limiting
The
MP2632B
implements
true
output
disconnect
by
eliminating
body
diode
conduction of the internal P-FET rectifier. VSYS
can drop to 0V during shutdown, drawing no
current from the input source. The MP2632B
also allows for inrush current limiting at start-up,
minimizing surge currents from the input supply.
To
optimize
the
benefits
of
the
output
disconnect,
avoid
connecting
an
external
Schottky diode between SW and SYS.
Board layout is extremely critical for minimizing
voltage
overshoot
at
SW
due
to
stray
inductance. Keep the output filter capacitor as
close as possible to SYS and use very low
ESR/ESL ceramic capacitors tied to a good
ground plane.
Boost Output Voltage Setting
In boost mode, the MP2632B programs the
output voltage internally according to the load
connected to SYS (5.1V or 5.2V) and provides
built-in output OVP to protect the device and
other components against damage when VSYS
goes beyond 6V. Once output over-voltage
occurs, the MP2632B turns off the boost
converter. When the voltage on VSYS drops to a
normal level, the boost converter restarts again
when PB is set from high to low for more than
1.5ms.
Boost Output Current Limiting
The MP2632B integrates a programmable
output current limit function in boost mode. If
the
boost
output
current
exceeds
this
programmable limit, the output current is limited
at this level. OLIM programs the current limit
threshold up to 3.0A as shown in Equation (5):
OLIM
OLIM
1500
I
(A)
R
(k ) RS1(m )
 
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com