Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 266 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 266 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 262Page - Microchip Technology ATMEGA640 Datasheet HTML 263Page - Microchip Technology ATMEGA640 Datasheet HTML 264Page - Microchip Technology ATMEGA640 Datasheet HTML 265Page - Microchip Technology ATMEGA640 Datasheet HTML 266Page - Microchip Technology ATMEGA640 Datasheet HTML 267Page - Microchip Technology ATMEGA640 Datasheet HTML 268Page - Microchip Technology ATMEGA640 Datasheet HTML 269Page - Microchip Technology ATMEGA640 Datasheet HTML 270Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 436 page
background image
266
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
25.2 Register Description
25.2.1
ADCSRB – ADC Control and Status Register B
• Bit 6 – ACME: Analog Comparator Multiplexer Enable
When this bit is written logic one and the ADC is switched off (ADEN in ADCSRA is zero), the ADC multiplexer
selects the negative input to the Analog Comparator. When this bit is written logic zero, AIN1 is applied to the neg-
ative input of the Analog Comparator. For a detailed description of this bit, see “Analog Comparator Multiplexed
Input” on page 265.
25.2.2
ACSR – Analog Comparator Control and Status Register
• Bit 7 – ACD: Analog Comparator Disable
When this bit is written logic one, the power to the Analog Comparator is switched off. This bit can be set at any
time to turn off the Analog Comparator. This will reduce power consumption in Active and Idle mode. When chang-
ing the ACD bit, the Analog Comparator Interrupt must be disabled by clearing the ACIE bit in ACSR. Otherwise an
interrupt can occur when the bit is changed.
• Bit 6 – ACBG: Analog Comparator Bandgap Select
When this bit is set, a fixed bandgap reference voltage replaces the positive input to the Analog Comparator. When
this bit is cleared, AIN0 is applied to the positive input of the Analog Comparator. When the bandgap reference is
used as input to the Analog Comparator, it will take a certain time for the voltage to stabilize. If not stabilized, the
first conversion may give a wrong value. See “Internal Voltage Reference” on page 60.
100
100
ADC4
100
101
ADC5
100
110
ADC6
100
111
ADC7
101
000
ADC8
101
001
ADC9
101
010
ADC10
101
011
ADC11
101
100
ADC12
101
101
ADC13
101
110
ADC14
101
111
ADC15
Table 25-1.
Analog Comparator Mulitiplexed Input (Continued)
ACME
ADEN
MUX5
MUX2:0
Analog Comparator Negative Input
Bit
7
6
543
210
(0x7B)
–
ACME
–
–
MUX5
ADTS2
ADTS1
ADTS0
ADCSRB
Read/Write
R
R/W
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
543
210
0x30 (0x50)
ACD
ACBG
ACO
ACI
ACIE
ACIC
ACIS1
ACIS0
ACSR
Read/Write
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
N/A
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com