Electronic Components Datasheet Search
  English  ▼

X  

LAN83C171 Datasheet(PDF) 27 Page - SMSC Corporation

Part # LAN83C171
Description  EPIC/XF ACPI/PC 97 Compliant Integrated PCI 10/100 Mbps Fast Ethernet Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN83C171 Datasheet(HTML) 27 Page - SMSC Corporation

Back Button LAN83C171 Datasheet HTML 23Page - SMSC Corporation LAN83C171 Datasheet HTML 24Page - SMSC Corporation LAN83C171 Datasheet HTML 25Page - SMSC Corporation LAN83C171 Datasheet HTML 26Page - SMSC Corporation LAN83C171 Datasheet HTML 27Page - SMSC Corporation LAN83C171 Datasheet HTML 28Page - SMSC Corporation LAN83C171 Datasheet HTML 29Page - SMSC Corporation LAN83C171 Datasheet HTML 30Page - SMSC Corporation LAN83C171 Datasheet HTML 31Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 90 page
background image
27
Interframe Gap and Deference
Deference is initiated when both CRS and COL
have terminated at the end of a packet.
The
transmitter deference logic initiates a 2-part
timer at the end of network activity. While this
timer is running, no frame transmission will be
initiated. The first part of the timer (interFrame
SpacingPart1) is used to observe the network
for transmission activity by other stations. If this
station is transmitting, carrier is sensed, or
collision is detected during this part of the timer,
the timer will be reset to zero and held
there
until the termination of line activity. When the
first part of the timer elapses, line activity is no
longer
observed
and
the
timer
runs
to
completion.
If any frame is queued up for transmission at
the moment of timer expiration, transmission
will be initiated regardless of line activity.
The combination of interFrame SpacingPart1
and interFrame SpacingPart2 makes up the
Inter-Frame Gap (IFG) as defined by the 802.3
specification.
Collision Handling Logic
When collision is detected by the transmitter
section during the first slot timer of an active
transmission, the transmission terminates after
completion
of
the
preamble
and
the
jam
sequence. The jam sequence is 32 bits of logic
'1's. If collision is detected after the slot time is
passed, the transmission will be aborted after
the jam sequence. An out of window collision
interrupt will be generated and the collision
count status will be retained in the transmit
status register for software collection. After the
software has responded to the interrupt and re-
enabled transmissions, the transmit status will
be cleared and the packet will be automatically
retransmitted.
Timers and Counters/Slot Timer
During transmit, the slot timer starts counting
once the receiver recognizes that a carrier is
present at the start of a returning preamble.
When backing off, the slot timer starts with the
end of transmit enable (TX_EN) for the collided
frame and is not reset by any other incoming
frames. The slot timer is programmable by the
transmit control register. The default slot time is
512 bit times.
Backoff Timer
After a transmission is terminated because of a
collision, a retransmission is attempted.
The
backoff time is determined by the truncated
binary
exponential
backoff
algorithm.
This
algorithm is:
Draw a random integer r such that r 0<=r<2**k
k is the number of retries already on this
transmission. The value k is initialized to 0.
The required backoff time is 'r' number of slot
times.
After the backoff time has been
completed, normal transmission deferral begins.
The backoff timer is a 12 bit counter that is
initialized
to
a
random
number
when
an
attempted transmission results in a collision.
The counter decrements once per slot time until
it reaches zero.
The transmit protocol FSM
utilizes this timer to insert a variable amount of
delay ahead of its attempt to retransmit the
frame.
Collision Counter
Prior
to
the
first
attempt
at
each
frame
transmission, the collision counter is initialized
to 0. Each attempted transmission of the frame
resulting in a collision causes the collision
counter to increment. If the maximum number
of collisions (16) is reached before a successful
attempt to transmit the frame, the frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com