Electronic Components Datasheet Search
  English  ▼

X  

LAN83C171 Datasheet(PDF) 71 Page - SMSC Corporation

Part # LAN83C171
Description  EPIC/XF ACPI/PC 97 Compliant Integrated PCI 10/100 Mbps Fast Ethernet Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN83C171 Datasheet(HTML) 71 Page - SMSC Corporation

Back Button LAN83C171 Datasheet HTML 67Page - SMSC Corporation LAN83C171 Datasheet HTML 68Page - SMSC Corporation LAN83C171 Datasheet HTML 69Page - SMSC Corporation LAN83C171 Datasheet HTML 70Page - SMSC Corporation LAN83C171 Datasheet HTML 71Page - SMSC Corporation LAN83C171 Datasheet HTML 72Page - SMSC Corporation LAN83C171 Datasheet HTML 73Page - SMSC Corporation LAN83C171 Datasheet HTML 74Page - SMSC Corporation LAN83C171 Datasheet HTML 75Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 90 page
background image
71
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
IPCI , ITTL , IOPCI , IOTTLX
Low Input Voltage
VIL
0.8
V
High Input Voltage
VIH
2.0
V
IAN
Low Input Voltage
VIL
0.0
V
IIL = TBDmA
High Input Voltage
VIH
2.5
V
IIH = TBDmA
OTTLX , IOTTLX
X for IL = 2, 4, & 8mA
Low Output Voltage
VOL
0.4
V
loads for the respective
High Output Voltage
VOH
2.4
V
pins
OPCI , IOPCI
IL = 6mA
Low Output Voltage
VOL
0.55
V
High Output Voltage
VOH
2.5
V
Capacitance (TΑ = 25
°C; f
C = 1MHz; VDD = +5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
PCI Clock Input
Capacitance
CINPCLK
TBD
pF
The pin under test tied
SYS Clock Input
Capacitance
CINSCLK
TBD
pF
to AC ground. All other
Input Capacitance
CIN
TBD
pF
pins tied to TBD ground
Output Capacitance
COUT
TBD
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com