Electronic Components Datasheet Search
  English  ▼

X  

LAN83C171 Datasheet(PDF) 52 Page - SMSC Corporation

Part # LAN83C171
Description  EPIC/XF ACPI/PC 97 Compliant Integrated PCI 10/100 Mbps Fast Ethernet Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN83C171 Datasheet(HTML) 52 Page - SMSC Corporation

Back Button LAN83C171 Datasheet HTML 48Page - SMSC Corporation LAN83C171 Datasheet HTML 49Page - SMSC Corporation LAN83C171 Datasheet HTML 50Page - SMSC Corporation LAN83C171 Datasheet HTML 51Page - SMSC Corporation LAN83C171 Datasheet HTML 52Page - SMSC Corporation LAN83C171 Datasheet HTML 53Page - SMSC Corporation LAN83C171 Datasheet HTML 54Page - SMSC Corporation LAN83C171 Datasheet HTML 55Page - SMSC Corporation LAN83C171 Datasheet HTML 56Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 90 page
background image
52
14 - SELECT TX CLOCK F/F:
See bit 15
description.
13 through 8: Unused.
7 - ALTERNATE DIRECTION: When set, the
alternate data value is input from the MII
management data pin, if serial management
interface is disabled.
6 - ALTERNATE DATA: Reading this bit returns
the value at the MII management data pin. A
value written to this bit will be driven onto the
MII management data pin when the serial
management interface is disabled and the
alternate direction bit is set to ouput.
5 - ALTERNATE CLOCK SOURCE:
This
register bit is muxed to the MII management
clock pin when the serial management interface
is
disabled.
When
set,
the
management
interface clock is set.
4
-
ENABLE
SERIAL
MANAGEMENT
INTERFACE:
This
bit
selects between the
serial management
interface and a general
purpose interface muxed with the management
interface clock and data pins.
When set, the
serial management interface is selected.
The
default for this bit is set (1).
3 - PHY PRESENT: This bit is read only. It is
set to one when the MDIO line is at a logic one
value indicating the presence of a PHY device.
2 - 694 LINK STATUS: This bit is read only and
returns the value of the 694LNK pin on the
LAN83C171.
1 - ENABLE 694: When set, the EN694 pin of
the LAN83C171 is driven to a logic one. When
clear, the EN694 pin is driven low.
0 - SERIAL MODE ENABLE: When set, the MII
interface functions serially as a 7-wire interface.
This
mode
should
be
enabled
when
the
LAN83C171 is connected to a 10Mb/s serial
PHY device.
When clear, the MII interface
operates
as
defined
by
the
IEEE
802.3
µ
Reconciliation Sublayer and Media Independent
Interface(MII) Draft Standard.
3C - INTERPACKET GAP Register
Reset Value: 011110001100000
This register is used to program the interpacket
gap protocol timer. It contains two values. The
first 8 bit value is used to set the total
interpacket gap time used by the transmit state
machine for deferral.
The second 7-bit value
sets the first interframe spacing value used in
the deference process.
31 through 15: Unused.
14 through 8 - INTERFRAME SPACING -PART
ONE: This 7 bit value sets the first part of the
interframe spacing delay time. The default is 60
bit times.
7 through 0 - INTERPACKET GAP TIME: This
8 bit value sets the interpacket gap delay time.
The default is 96 bit times.
40 through 48 - LAN ADDRESS Registers
Reset Value (Power Up): Unknown
These registers hold the 48-bit LAN address for
the adapter.
They are recalled from the
EEPROM after (hard)reset.
31 through 16: Unused.
15 through 0 - LAN ADDRESS: The Destination
address described as:
[N1][N0][N3][N2][N5][N4][N7][N6][N9][N8][N11][N10]
Where each N is one nibble it will be mapped to
the LAN address registers as follows:
LAN0
[15-12] = N3
LAN0
[11-8] = N2
LAN0
[7-4] = N1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com