Electronic Components Datasheet Search
  English  ▼

X  

LAN83C171 Datasheet(PDF) 32 Page - SMSC Corporation

Part # LAN83C171
Description  EPIC/XF ACPI/PC 97 Compliant Integrated PCI 10/100 Mbps Fast Ethernet Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN83C171 Datasheet(HTML) 32 Page - SMSC Corporation

Back Button LAN83C171 Datasheet HTML 28Page - SMSC Corporation LAN83C171 Datasheet HTML 29Page - SMSC Corporation LAN83C171 Datasheet HTML 30Page - SMSC Corporation LAN83C171 Datasheet HTML 31Page - SMSC Corporation LAN83C171 Datasheet HTML 32Page - SMSC Corporation LAN83C171 Datasheet HTML 33Page - SMSC Corporation LAN83C171 Datasheet HTML 34Page - SMSC Corporation LAN83C171 Datasheet HTML 35Page - SMSC Corporation LAN83C171 Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 90 page
background image
32
JUMPER OPTIONS (EEPROM/RAM)
There are several operational modes in the
LAN83C171 which are selected by "jumpers" at
power-up reset. Actual jumpers do not need to
be installed on the board. The options can be
set by external pull-up or pull-down resistors at
manufacturing time. Pins MD[4:0] are used to
make the jumper selections.
The pins are
latched shortly after nRST goes inactive.
The
jumpers are not sampled after soft reset. A pull-
down resistor sets the jumper value to 0, and a
pull-up sets it to 1. The jumpers are defined as
follows:
MD[5] AUXILIARY POWER PRESENT - When
set to 1, indicates the presence of auxiliary
power to support the monitoring of the network
for wake-up events upon the loss of PCI Bus
power.
MD[4]
EEPROM TEST - When set to 1, the
EEPROM clock is sped up for test purposes.
MD[3] BYPASS EEPROM RECALL - When set
to 1, the EEPROM recall
is not performed after
power-up reset. Used for test purposes only.
MD[2] nBIG EEPROM - Indicates the size of the
serial EEPROM.
0 = 128x16 or 256x16, 1 =
16x16 or 64x16.
MD[1:0] EXTERNAL BUFFER SIZE SELECT -
Indicates the size of the
external receive RAM
according to the following table:
MD [1]
MD [0]
BUFFER SIZE
0
0
0 Kbytes
0
1
16 Kbytes
1
0
32 Kbytes
1
1
128 Kbytes
Advanced Configuration and Power Interface
(ACPI) Support
The EPIC incorporates all of the requirements
and most of the optional features needed to
comply with the network device class and PCI
bus
class
sub-specifications
of
the
ACPI
specification. The provided power management
capabilities within the EPIC can be determined
by accessing the “Power Management Register
Block” located in the EPIC PCI configuration
address
space.
The
Power
Management
Register Block also provides an interface to set
or query the chip power state and to enable
wake-up notification.
Wake-Up Events and Notification
The EPIC can be enabled to provide wake-up
notification upon the occurrence of a power
management event (PME). The EPIC supports
the detection of a Magic Packet and the
occurrence of a network link-down event as
PMEs. The detection of a Magic Packet can be
enabled to generate a wake-up notification by
setting the Magic Packet Enable bit in the
General
Control
Register.
Likewise,
the
occurrence of a link-down event can be enabled
to generate a wake-up notification by setting the
appropriate enable bit in the PHY’s interrupt
mask register.
The monitoring of wake-up
events will only occur when the EPIC is in one of
the low power modes.
The software driver can specify if the EPIC
notifies the OS of the occurrence of a PME via
the Power Management Control and Status
Register (bits 23 through 0/PMCSR - address
E0h Configuration Address Space).
If an
enabled PME has occurred (bit 15/PMCSR set)
and the EPIC is enabled to notify the OS (bit
8/PMCSR set), the EPIC will assert the signal
nPME.
(Note: nPME can be asserted and
deasserted asynchronously to the PCI clock).
The EPIC will deassert nPME when the driver
either clears the PME status bit (bit 15) or
disables the notification of a PME (bit 8) in the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com