Electronic Components Datasheet Search
  English  ▼

X  

LAN83C171 Datasheet(PDF) 38 Page - SMSC Corporation

Part # LAN83C171
Description  EPIC/XF ACPI/PC 97 Compliant Integrated PCI 10/100 Mbps Fast Ethernet Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN83C171 Datasheet(HTML) 38 Page - SMSC Corporation

Back Button LAN83C171 Datasheet HTML 34Page - SMSC Corporation LAN83C171 Datasheet HTML 35Page - SMSC Corporation LAN83C171 Datasheet HTML 36Page - SMSC Corporation LAN83C171 Datasheet HTML 37Page - SMSC Corporation LAN83C171 Datasheet HTML 38Page - SMSC Corporation LAN83C171 Datasheet HTML 39Page - SMSC Corporation LAN83C171 Datasheet HTML 40Page - SMSC Corporation LAN83C171 Datasheet HTML 41Page - SMSC Corporation LAN83C171 Datasheet HTML 42Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 90 page
background image
38
LAN83C171
control
functions
will
not
be
accessible through memory address space
while
the ROM address decode enable bit is
set.
When
the
expansion
Flash RAM
is
read,
the LAN83C171 always returns all four bytes in
the dword being accessed regardless of the byte
enables active. The Flash RAM can also be
written by writing to an address in the range
defined by the ROM base address register.
The data can be programmed into the flash
RAM by following the specifications supplied by
the flash manufacturer. The write pulse for each
individual byte write will be 200 ns.
The
EPIC/100 will write all bytes in a dword that
have valid byte enables during the data phase. If
an access is made to the LAN83C171 while a
flash write is physically taking place, a retry will
be issued on the PCI bus.
ROM
DECODE
ENABLE
MEMORY
MAP ENABLE
MEMORY
SPACE
ENABLE
I/O SPACE
ENABLE
EXPANSION
ROM
CONTROL
REGISTERS
1
X
1
1
Enabled
I/O Space
1
X
1
0
Enabled
Disabled
1
X
0
1
Disabled
I/O Space
1
X
0
0
Disabled
Disabled
0
1
1
1
Disabled
I/O & Memory
0
1
1
0
Disabled
Mem. Space
0
1
0
1
Disabled
I/O Space
0
1
0
0
Disabled
Disabled
0
0
X
1
Disabled
I/O Space
0
0
X
0
Disabled
Disabled
After reset, the ROM will be disabled and the
ROM base address will be unknown.
The
system POST code will map the ROM into host
memory space, copy its contents into system
RAM and execute the ROM initialization code (if
no ROM signature is found, the system will
disable the ROM and proceed with the next PCI
device). The ROM initialization code is allowed
to perform dynamic re-sizing of the runtime
code in order to use as little of the host memory
space as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com