Electronic Components Datasheet Search
  English  ▼

X  

LAN83C171 Datasheet(PDF) 6 Page - SMSC Corporation

Part # LAN83C171
Description  EPIC/XF ACPI/PC 97 Compliant Integrated PCI 10/100 Mbps Fast Ethernet Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN83C171 Datasheet(HTML) 6 Page - SMSC Corporation

Back Button LAN83C171 Datasheet HTML 2Page - SMSC Corporation LAN83C171 Datasheet HTML 3Page - SMSC Corporation LAN83C171 Datasheet HTML 4Page - SMSC Corporation LAN83C171 Datasheet HTML 5Page - SMSC Corporation LAN83C171 Datasheet HTML 6Page - SMSC Corporation LAN83C171 Datasheet HTML 7Page - SMSC Corporation LAN83C171 Datasheet HTML 8Page - SMSC Corporation LAN83C171 Datasheet HTML 9Page - SMSC Corporation LAN83C171 Datasheet HTML 10Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 90 page
background image
6
DESCRIPTION OF PIN FUNCTIONS
PQFP PIN NO.
NAME
I/O
TYPE
DESCRIPTION
PCI INTERFACE
25
PCICLK
I
IPCLK,
dc_lk1
PCI Clock
23
nRST
I
IPCI,
dc_lk1
PCI System Reset
32,36,37,39,40,42,
43,45,49,59-61,
63-65,67,88,89,
91-94,96,97,108,
109,111,112,114,
115,117,118
AD
I/O
IOPCI,
dc_lk2
PCI Multiplexed Address/Data Bus
46,68,87,99
nCBE
I/O
IOPCI,
dc_lk2
PCI Multiplexed Command/Byte
Enable Signals
86
PAR
I/O
IOPCI,
dc_lk2
PCI Parity Signal
70
nFRAME
I/O
IOPCI,
dc_lk2
PCI Cycle Frame Signal
71
nIRDY
I/O
IOPCI,
dc_lk2
PCI Initiator Ready Signal
74
nTRDY
I/O
IOPCI,
dc_lk2
PCI Target Ready Signal
77
nSTOP
I/O
IOPCI,
dc_lk2
PCI Cycle Stop Signal
79
nLOCK
I
IOPCI,
dc_lk2
PCI Lock Signal
48
IDSEL
I
IPCI,
dc_lk1
PCI Initiation Device Select Signal.
Used as a Chip Select for
Configuration Reads and Writes
75
nDEVSEL
I/O
IOPCI,
dc_lk2
PCI Device Select
31
nREQ
O
OPCI,
dc_lk2
PCI Bus Request
29
nGNT
I
IPCI,
dc_lk1
PCI Bus Grant
83
nPERR
I/O
IOPCI,
dc_lk2
PCI Parity Error
84
nSERR
O
OPCI,
dc_lk2
PCI System Error (Open Drain)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com