Electronic Components Datasheet Search
  English  ▼

X  

OPA615ID Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA615ID
Description  Wide-Bandwidth, DC Restoration Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA615ID Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA615ID Datasheet HTML 2Page - Texas Instruments OPA615ID Datasheet HTML 3Page - Texas Instruments OPA615ID Datasheet HTML 4Page - Texas Instruments OPA615ID Datasheet HTML 5Page - Texas Instruments OPA615ID Datasheet HTML 6Page - Texas Instruments OPA615ID Datasheet HTML 7Page - Texas Instruments OPA615ID Datasheet HTML 8Page - Texas Instruments OPA615ID Datasheet HTML 9Page - Texas Instruments OPA615ID Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
OTA
120
100
80
60
40
20
0
Frequency (Hz)
10k
1M
10M
100M
1G
IOUT
V
IN
50
Ω
50
Ω
I
Q = 14.3mA (89mA/V), RQ = 0Ω
I
Q = 13mA (72mA/V), RQ = 300Ω
I
Q = 9.6mA (28mA/V), RQ = 2kΩ
V
IN = 10mVPP
120
100
80
60
40
30
0
Quiescent Current (mA)
8
9
10
11
12
13
14
15
V
IN = 100mVPP
I
OUT
V
IN
50
Ω
50
Ω
100
90
80
70
60
50
40
30
20
Input Voltage (mV)
−50 −40 −30 −20 −10
0
10
20
30
40
50
Small−Signal Around Input Voltage
I
Q = 9.6mA
I
Q = 14.3mA
I
Q = 13mA
20
15
10
5
0
−5
−10
−15
−20
OTA Input Voltage (mV)
−200
0
200
−150 −100
−50
50
100
150
I
Q = 9.6mA
I
Q = 14.3mA
I
Q = 13mA
I
O UT
V
IN
50
Ω
50
Ω
0.15
0.10
0.05
0
−0.05
−0.10
−0.15
Time (10ns/div)
fIN = 10MHz
G = +1V/V
V
IN = 0.2VPP
3
2
1
0
−1
−2
−3
Time (10ns/div)
f
IN = 10MHz
G = +1V/V
V
IN = 4VPP
OPA615
SBOS299B – FEBRUARY 2004 – REVISED JULY 2005
T
A = +25°C, IQ = 13mA, unless otherwise noted.
OTA TRANSCONDUCTANCE vs FREQUENCY
OTA TRANSCONDUCTANCE vs QUIESCENT CURRENT
Figure 1.
Figure 2.
OTA TRANSCONDUCTANCE vs INPUT VOLTAGE
OTA TRANSFER CHARACTERISTICS
Figure 3.
Figure 4.
OTA-C SMALL SIGNAL PULSE RESPONSE
OTA-C LARGE SIGNAL PULSE RESPONSE
Figure 5.
Figure 6.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com