Electronic Components Datasheet Search
  English  ▼

X  

OPA615ID Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA615ID
Description  Wide-Bandwidth, DC Restoration Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA615ID Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA615ID Datasheet HTML 7Page - Texas Instruments OPA615ID Datasheet HTML 8Page - Texas Instruments OPA615ID Datasheet HTML 9Page - Texas Instruments OPA615ID Datasheet HTML 10Page - Texas Instruments OPA615ID Datasheet HTML 11Page - Texas Instruments OPA615ID Datasheet HTML 12Page - Texas Instruments OPA615ID Datasheet HTML 13Page - Texas Instruments OPA615ID Datasheet HTML 14Page - Texas Instruments OPA615ID Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.ti.com
0
−20
−40
−60
−80
−100
−120
Frequency (Hz)
1M
10M
100M
1G
Hold Control = 0V
(Off−Isolation)
0
−20
−40
−60
−80
−100
−120
Frequency (Hz)
100k
1M
10M
1G
100M
Hold Control = 5V
V+ = V
−
50
40
30
20
10
0
−10
−20
−30
−40
−50
Temperature (
_C)
−40
−20
120
0
20
40
60
80
100
Hold Control = 5V
V+ = V
− = 0V
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
Temperature (
_C)
−40
−20
120
0
20
40
60
80
100
Positive Input
Negative Input
OPA615
SBOS299B – FEBRUARY 2004 – REVISED JULY 2005
TYPICAL CHARACTERISTICS (continued)
T
A = +25°C, IQ = 13mA, unless otherwise noted.
SOTA FEEDTHROUGH REJECTION vs FREQUENCY
SOTA COMMON-MODE REJECTION vs FREQUENCY
Figure 31.
Figure 32.
SOTA INPUT BIAS CURRENT vs TEMPERATURE
SOTA OUTPUT BIAS CURRENT vs TEMPERATURE
Figure 33.
Figure 34.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com