Electronic Components Datasheet Search
  English  ▼

X  

OPA615ID Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA615ID
Description  Wide-Bandwidth, DC Restoration Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA615ID Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA615ID Datasheet HTML 6Page - Texas Instruments OPA615ID Datasheet HTML 7Page - Texas Instruments OPA615ID Datasheet HTML 8Page - Texas Instruments OPA615ID Datasheet HTML 9Page - Texas Instruments OPA615ID Datasheet HTML 10Page - Texas Instruments OPA615ID Datasheet HTML 11Page - Texas Instruments OPA615ID Datasheet HTML 12Page - Texas Instruments OPA615ID Datasheet HTML 13Page - Texas Instruments OPA615ID Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
www.ti.com
1.3
1.2
1.1
1.0
0.9
0.8
Input Voltage (mV)
0
400
600
200
800
1000
1200
VOD
100
Ω
100
Ω
V
OD
GND
SOTA
VOD
Negative
Positive
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
Temperature (
_C)
−40
−20
120
0
20
40
60
80
100
Falling Edge
Rising Edge
10
5
0
−5
−10
Time (10ns/div)
100
Ω
100
Ω
TTL
50
Ω
V
OUT
ON −OFF
OFF −ON
1.4
1.3
1.2
1.1
1.0
0.9
0.8
Rise Time (ns)
0
3
4
5
1
2
6
7
8
9
10
Positive
Negative
V
IN = 1.2Vpp
−0.6V
+0.6V
0V
150
100
50
0
−50
−100
−150
Time (10ns/div)
2.5
2.0
1.5
1.0
0.5
0
−50
6
3
0
−3
−6
−9
−12
−15
Frequency (Hz)
1M
10M
100M
2G
1G
I
OUT = 0.5mAPP
I
OUT = 4mAPP
I
OUT = 2mAPP
OPA615
SBOS299B – FEBRUARY 2004 – REVISED JULY 2005
TYPICAL CHARACTERISTICS (continued)
T
A = +25°C, IQ = 13mA, unless otherwise noted.
SOTA PROPAGATION DELAY vs OVERDRIVE
SOTA PROPAGATION DELAY vs TEMPERATURE
Figure 25.
Figure 26.
SOTA PROPAGATION DELAY vs SLEW RATE
SOTA SWITCHING TRANSIENTS
Figure 27.
Figure 28.
SOTA HOLD COMMAND DELAY TIME
SOTA BANDWIDTH vs OUTPUT CURRENT SWING
Figure 29.
Figure 30.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com