Electronic Components Datasheet Search
  English  ▼

X  

OPA615ID Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA615ID
Description  Wide-Bandwidth, DC Restoration Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA615ID Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA615ID Datasheet HTML 11Page - Texas Instruments OPA615ID Datasheet HTML 12Page - Texas Instruments OPA615ID Datasheet HTML 13Page - Texas Instruments OPA615ID Datasheet HTML 14Page - Texas Instruments OPA615ID Datasheet HTML 15Page - Texas Instruments OPA615ID Datasheet HTML 16Page - Texas Instruments OPA615ID Datasheet HTML 17Page - Texas Instruments OPA615ID Datasheet HTML 18Page - Texas Instruments OPA615ID Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
www.ti.com
SAMPLING COMPARATOR
Offset (V) +
Charge (pC)
C
HTotal (pF)
OPA615
SBOS299B – FEBRUARY 2004 – REVISED JULY 2005
This innovative circuit achieves the high slew rate
representative of an open-loop design. In addition,
The OPA615 sampling comparator features a very
the acquisition slew current for a hold or storage
short switching (2.5ns) propagation delay and utilizes
capacitor is higher than standard diode bridge and
a new switching circuit architecture to achieve excel-
switch configurations, removing a main contributor to
lent speed and precision.
the limits of maximum sampling rate and input fre-
quency.
It provides high impedance inverting and noninverting
analog inputs, a high-impedance current source out-
The switching circuits in the OPA615 use current
put and a TTL-CMOS-compatible Hold Control Input.
steering (versus voltage switching) to provide im-
proved isolation between the switch and analog
The sampling comparator consists of an operational
sections. This design results in low aperture time
transconductance amplifier (OTA), a buffer amplifier,
sensitivity to the analog input signal, reduced power
and a subsequent switching circuit. This combination
supply and analog switching noise. Sample-to-hold
is subsequently referred to as the Sampling Oper-
peak switching charge injection is 40fC.
ational Transconductance Amplifier (SOTA). The
OTA and buffer amplifier are directly tied together at
The additional offset voltage or switching transient
the buffer outputs to provide the two identical
induced on a capacitor at the current source output
high-impedance
inputs
and
high
open-loop
by the switching charge can be determined by the
transconductance. Even a small differential input
following formula:
voltage multiplied with the high transconductance
results in an output current—positive or nega-
tive—depending upon the input polarity. This charac-
teristic is similar to the low or high status of a
The switching stage input is insensitive to the low
conventional comparator. The current source output
slew rate performance of the hold control command
features high output impedance, output bias current
and compatible with TTL/CMOS logic levels. With
compensation, and is optimized for charging a ca-
TTL logic high, the comparator is active, comparing
pacitor in DC restoration, nanosecond integrators,
the two input voltages and varying the output current
peak
detectors
and
S/H
circuits.
The
typical
accordingly. With TTL logic low, the comparator
comparator output current is
±5mA and the output
output is switched off, showing a very high im-
bias current is minimized to typically
±10µA in the
pedance to the hold capacitor.
sampling mode.
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com