Electronic Components Datasheet Search
  English  ▼

X  

OPA615ID Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA615ID
Description  Wide-Bandwidth, DC Restoration Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA615ID Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA615ID Datasheet HTML 12Page - Texas Instruments OPA615ID Datasheet HTML 13Page - Texas Instruments OPA615ID Datasheet HTML 14Page - Texas Instruments OPA615ID Datasheet HTML 15Page - Texas Instruments OPA615ID Datasheet HTML 16Page - Texas Instruments OPA615ID Datasheet HTML 17Page - Texas Instruments OPA615ID Datasheet HTML 18Page - Texas Instruments OPA615ID Datasheet HTML 19Page - Texas Instruments OPA615ID Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
www.ti.com
APPLICATION INFORMATION
BASIC CONNECTIONS
SOTA
OTA
R
Q
R
Q
GND
9
3
4
Switching Stage
Sampling Comparator
(SC)
7
10
11
S/H In+
S/H In
−
Hold
Control
C
HOLD
Base
R
B
(25
Ωto 200Ω)
2
12
Biasing
5
13
−V
CC
+V
CC
−5V
+5V
1
2.2
µF
10nF
470pF
10nF
2.2
µF
470pF
Solid Tantalum
+
+
R
Q
I
Q Adjust
Collector
Emitter
R
Q = 300Ω sets approximately
I
Q = 13mA
(20
Ω
to
200
Ω)
∞
OPA615
SBOS299B – FEBRUARY 2004 – REVISED JULY 2005
The OPA615 operates from
±5V power supplies
Power-supply bypass capacitors should be located as
(
±6.2V maximum). Absolute maximum is ±6.5V . Do
close as possible to the device pins. Solid tantalum
not attempt to operate with larger power supply
capacitors are generally best. See Board Layout at
voltages or permanent damage may occur.
the end of the applications discussion for further
suggestions on layout.
Figure 39 shows the basic connections required for
operation. These connections are not shown in sub-
sequent circuit diagrams.
Figure 39. Basic Connections
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com