Electronic Components Datasheet Search
  English  ▼

X  

OPA615ID Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA615ID
Description  Wide-Bandwidth, DC Restoration Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA615ID Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA615ID Datasheet HTML 4Page - Texas Instruments OPA615ID Datasheet HTML 5Page - Texas Instruments OPA615ID Datasheet HTML 6Page - Texas Instruments OPA615ID Datasheet HTML 7Page - Texas Instruments OPA615ID Datasheet HTML 8Page - Texas Instruments OPA615ID Datasheet HTML 9Page - Texas Instruments OPA615ID Datasheet HTML 10Page - Texas Instruments OPA615ID Datasheet HTML 11Page - Texas Instruments OPA615ID Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
www.ti.com
200
160
120
80
40
0
−40
−80
−120
−160
−200
Time (20ns/div)
2.0
1.6
1.2
0.8
0.4
0
−0.4
−0.8
−1.2
−1.6
−2.0
V
IN
VO
50
Ω
100
Ω
500
Ω
Small−Signal
±80mV
Left Scale
Large−Signal
±1.6V
Right Scale
3
0
−3
−6
−9
−12
−15
Frequency (Hz)
1M
10M
100M
1G
V
IN
V
O
50
Ω
100
Ω
500
Ω
V
O = 0.6VPP
V
O = 1.4VPP
V
O = 5VPP
V
O = 2.8VPP
V
O = 0.2VPP
−40
−45
−50
−55
−60
−65
−70
Frequency (MHz)
1
10
100
V
OUT = 1.4VPP
2nd−Harmonic
3rd−Harmonic
V
IN
VOUT
50
Ω
10 0
Ω
3
0
−3
−6
−9
−12
−15
Frequency (Hz)
1M
10M
100M
1G
V
O = 0.6VPP
V
O = 1.4VPP
V
O = 0.2VPP
V
O = 2.8VPP
V
O = 5VPP
VIN
VO
50
Ω
100
Ω
100
Ω
−20
−25
−30
−35
−40
−45
−50
−55
−60
Frequency (MHz)
1
10
100
VOUT = 1.4VPP
V
O U T
V
IN
50
Ω
100
Ω
100
Ω
3rd−Harmonic
2nd−Harmonic
16
15
14
13
12
11
10
9
8
0.1
1
10
100
1k
10k
100k
R
Q (Ω)
+I
Q
−I
Q
OPA615
SBOS299B – FEBRUARY 2004 – REVISED JULY 2005
TYPICAL CHARACTERISTICS (continued)
T
A = +25°C, IQ = 13mA, unless otherwise noted.
OTA-E OUTPUT FREQUENCY RESPONSE
OTA-E OUTPUT PULSE RESPONSE
Figure 13.
Figure 14.
OTA-C OUTPUT FREQUENCY RESPONSE
OTA-E OUTPUT HARMONIC DISTORTION vs FREQUENCY
Figure 15.
Figure 16.
OTA-C OUTPUT HARMONIC DISTORTION vs FREQUENCY
OTA QUIESCENT CURRENT vs RQ
Figure 17.
Figure 18.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com