Electronic Components Datasheet Search
  English  ▼

X  

OPA615ID Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA615ID
Description  Wide-Bandwidth, DC Restoration Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA615ID Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA615ID Datasheet HTML 8Page - Texas Instruments OPA615ID Datasheet HTML 9Page - Texas Instruments OPA615ID Datasheet HTML 10Page - Texas Instruments OPA615ID Datasheet HTML 11Page - Texas Instruments OPA615ID Datasheet HTML 12Page - Texas Instruments OPA615ID Datasheet HTML 13Page - Texas Instruments OPA615ID Datasheet HTML 14Page - Texas Instruments OPA615ID Datasheet HTML 15Page - Texas Instruments OPA615ID Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
www.ti.com
DISCUSSION OF PERFORMANCE
OPERATIONAL TRANSCONDUCTANCE
SECTION and OVERVIEW
I
C +
V
IN
r
E ) RE
or
R
E +
V
IN
I
C
* rE
OPA615
SBOS299B – FEBRUARY 2004 – REVISED JULY 2005
The OPA615, which contains a wideband Operational
Transconductance Amplifier (OTA) and a fast sam-
AMPLIFIER (OTA) SECTION AND OVERVIEW
pling comparator (SOTA), represents a complete
subsystem for very fast and precise DC restoration,
offset clamping and correction to GND or to an
adjustable reference voltage, and low frequency hum
The symbol for the OTA section is similar to that of a
suppression of wideband operational or buffer ampli-
bipolar transistor, and the self-biased OTA can be
fiers.
viewed as either a quasi-ideal transistor or as a
Although the IC was designed to improve or stabilize
voltage-controlled current source. Application circuits
the performance of complex, wideband video signals,
for the OTA look and operate much like transistor
it can also be used as a sample-and-hold amplifier,
circuits—the
bipolar
transistor
is
also
a
volt-
high-speed integrator, peak detector for nanosecond
age-controlled current source. Like a transistor, it has
pulses, or as part of a correlated double sampling
three
terminals:
a
high-impedance
input
(base)
system. A wideband Operational Transconductance
optimized for a low input bias current of 0.3
µA, a
Amplifier (OTA) with a high-impedance cascode cur-
low-impedance
input/output
(emitter),
and
the
rent source output and a fast and precise sampling
high-impedance current output (collector).
comparator sets a new standard for high-speed
The OTA consists of a complementary buffer ampli-
sampling applications.
fier and a subsequent complementary current mirror.
Both the OTA and the sampling comparator can be
The buffer amplifier features a Darlington output
used as stand-alone circuits or combined to create
stage and the current mirror has a cascoded output.
more complex signal processing stages such as
The addition of this cascode circuitry increases the
sample-and-hold amplifiers. The OPA615 simplifies
current source output resistance to 1.2M
Ω. This
the design of input amplifiers with high hum sup-
feature improves the OTA linearity and drive capabili-
pression; clamping or DC-restoration stages in pro-
ties. Any bipolar input voltage at the high impedance
fessional broadcast equipment, high-resolution CAD
base has the same polarity and signal level at the low
monitors and information terminals; and signal pro-
impedance buffer or emitter output. For the open-loop
cessing stages for the energy and peak value of
diagrams, the emitter is connected to GND; the
nanoseconds pulses. This device also eases the
collector current is then determined by the voltage
design of high-speed data acquisition systems behind
between
base
and
emitter
times
the
a CCD sensor or in front of an analog-to-digital
transconductance. In application circuits (Figure 36b),
converter.
a resistor RE between the emitter and GND is used to
set the OTA transfer characteristics.
An external resistor on the SO-14 package, RQ,
allows the user to set the quiescent current. RQ is
The following formulas describe the most important
connected from Pin 1 (IQ adjust) to –VCC. It deter-
relationships. re is the output impedance of the buffer
mines the operating currents of the OTA section and
amplifier (emitter) or the reciprocal of the OTA
controls the bandwidth and AC behavior as well as
transconductance. Above
±5mA, the collector current,
the transconductance of the OTA.
IC, will be slightly less than indicated by the formula.
Besides the quiescent current setting feature, a
Proportional-to-Absolute-Temperature (PTAT) supply
current control will increase the quiescent current
The RE resistor may be bypassed by a relatively large
versus
temperature.
This
variation
holds
the
capacitor to maintain high AC gain. The parallel
transconductance (gm) of the OTA and comparator
combination of RE and this large capacitor form a
relatively constant versus temperature. The circuit
high-pass filter, enhancing the high frequency gain.
parameters listed in the specification table are
Other cases may require an RC compensation net-
measured with RQ set to 300Ω, giving a nominal
work in parallel to RE to optimize the high-frequency
quiescent current at 13mA. While not always shown
response. The large signal bandwidth (VO = 1.4VPP)
in the application circuits, this RQ = 300Ω is required
measured at the emitter achieves 770MHz. The
to get the 13mA quiescent operating current.
frequency response of the collector is directly related
to the resistor value between the collector and GND;
it decreases with increasing resistor values, because
of the low-pass filter formed with the OTA C-output
capacitance.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com