Electronic Components Datasheet Search
  English  ▼

X  

OPA615ID Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # OPA615ID
Description  Wide-Bandwidth, DC Restoration Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA615ID Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA615ID Datasheet HTML 16Page - Texas Instruments OPA615ID Datasheet HTML 17Page - Texas Instruments OPA615ID Datasheet HTML 18Page - Texas Instruments OPA615ID Datasheet HTML 19Page - Texas Instruments OPA615ID Datasheet HTML 20Page - Texas Instruments OPA615ID Datasheet HTML 21Page - Texas Instruments OPA615ID Datasheet HTML 22Page - Texas Instruments OPA615ID Datasheet HTML 23Page - Texas Instruments OPA615ID Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
www.ti.com
Fast Pulse Peak Detector
+2.5
+1.5
+0.5
−0.5
−1.5
−2.5
1MHz SAMPLE−AND− HOLD OF A 100kHz SINEWAVE
Time (1
µs/div)
5
4
3
2
1
0
Hold Control
+V
OUT
50
Ω
100
Ω
150
Ω
100
Ω
100
Ω
50
Ω
+1
OTA
8
4
2
12
3
4
−V
OUT
300
Ω
50
Ω
27pF
27pF
V
IN
10
11
7
BUF602
OPA615
SOTA
Phase Detector for Fast PLL Systems
Integrator for ns-Pulses
150
Ω
50
Ω
V
IN
Hold Control
27pF
100
Ω
820
Ω
1
µF
620
Ω
50
Ω
O T A
V
OUT
12
2
3
4
11
10
7
SOTA
SOTA
f
R EF
f
IN
C
IN T
+5V
V
O UT
f
R EF
f
IN
f
O UT
f
O UT = fRE F x N
V
OU T
f
IN
f
R EF
I
OU T
V
OU T
75
Ω
√N
Phase
VCO
OTA
OPA615
75
Ω
75
Ω
11
10
3
2
12
4
100
Ω
7
OPA615
SBOS299B – FEBRUARY 2004 – REVISED JULY 2005
To illustrate how the digitization is realized in the
Figure 45 circuit, Figure 46 shows a 100kHz
A circuit similar to that shown in Figure 47 (the
sinewave being sampled at a rate of 1MHz. The
integrator for ns-pulses) can be devised to detect and
output signal used here is the I
OUT output driving a
isolate positive pulses from negative pulses. This
50
Ω load.
circuit, shown in Figure 48, uses the OPA615 as well
as the BUF602. This circuit makes use of diodes to
isolate the positive-going pulses from the nega-
tive-going pulses and charge-different capacitors.
Figure 46. 1MHz Sample-and-Hold of a 100kHz
Figure 48. Fast Bipolar Peak Detector
Sine Wave
Figure 49 shows the circuit for a phase detector for
The integrator for ns-pulses using the OPA615
fast PLL systems. Given a reference pulse train fREF
(shown in Figure 47) makes use of the fast
and a pulse train input signal fIN out of phase, the
comparator and its current-mode output. Placing the
SOTA of the OPA615 acts in this circuit as a
hold-control high, a narrow pulse charges the capaci-
comparator, either charging or discharging the ca-
tor, increasing the average output
voltage.
To
pacitor. This voltage is then buffered by the OTA and
minimize ripples at the inverting input and maximize
fed to the VCO.
the capacitor charge, a T-network is used in the
feedback path.
Figure 47. Integrator for ns-Pulses
Figure 49. Phase Detector For Fast PLL-Systems
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com