Electronic Components Datasheet Search
  English  ▼

X  

LT5401 Datasheet(PDF) 5 Page - Analog Devices

Part # LT5401
Description  Matched Resistor Network for Precision Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5401 Datasheet(HTML) 5 Page - Analog Devices

  LT5401 Datasheet HTML 1Page - Analog Devices LT5401 Datasheet HTML 2Page - Analog Devices LT5401 Datasheet HTML 3Page - Analog Devices LT5401 Datasheet HTML 4Page - Analog Devices LT5401 Datasheet HTML 5Page - Analog Devices LT5401 Datasheet HTML 6Page - Analog Devices LT5401 Datasheet HTML 7Page - Analog Devices LT5401 Datasheet HTML 8Page - Analog Devices LT5401 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT5401
5
Rev. 0
For more information www.analog.com
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT5401I is guaranteed to meet specified performance from
–40°C to 85°C. The LT5401H is guaranteed to meet specified performance
from –40°C to 125°C and is 100% tested at these temperature extremes.
The LT5401MP is guaranteed to meet specified performance from –55°C
to 150°C and is 100% tested at these temperature extremes.
Note 3: In order to keep the junction temperature within the Absolute
Maximum Rating, maximum power dissipation should be derated at
elevated ambient temperatures.
Note 4: (∆R/R)RE specifies the following ratio matches:
RESISTOR RATIO
NOMINAL RATIO
(R1C + R1D)/(R1A + R1B)
1
(R2C + R2D)/(R2A + R2B)
1
(R1B + R1C + R1D)/(R1A)
2
(R2B + R2C + R2D)/(R2A)
2
(R1D)/(R1A + R1B + R1C)
0.5
(R2D)/(R2A + R2B + R2C)
0.5
Note 5: (∆R/R)RT specifies how well the (∆R/R)RE ratios match each other
when the 2 sets of LT5401 resistors are configured for nominally equal
ratios. This specification determines CMRR performance when the LT5401
is used to configure difference and fully differential amplifiers.
Note 6: (∆R/R)AVE specifies average (∆R/R)RE ratio matching when the 2
sets of LT5401 resistors are configured for nominally equal ratios. This
specification determines gain accuracy performance when the LT5401 is
used to configure difference and fully differential amplifiers.
Note 7: This parameter is not 100% tested.
Note 8: (∆R/R)SS specifies matching between the sum of R1 and R2 where
R1 = R1A + R1B + R1C + R1D and R2 = R2A + R2B + R2C + R2D.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com