Electronic Components Datasheet Search
  English  ▼

X  

LT5401 Datasheet(PDF) 11 Page - Analog Devices

Part # LT5401
Description  Matched Resistor Network for Precision Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5401 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT5401 Datasheet HTML 7Page - Analog Devices LT5401 Datasheet HTML 8Page - Analog Devices LT5401 Datasheet HTML 9Page - Analog Devices LT5401 Datasheet HTML 10Page - Analog Devices LT5401 Datasheet HTML 11Page - Analog Devices LT5401 Datasheet HTML 12Page - Analog Devices LT5401 Datasheet HTML 13Page - Analog Devices LT5401 Datasheet HTML 14Page - Analog Devices LT5401 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT5401
11
Rev. 0
For more information www.analog.com
LT5401
EXTERNAL
CONNECTOR
BAV99
V+
V–
LT5401
UMZ36K
5401 F06
EXTERNAL
CONNECTOR
Figure 4. Voltage Divider
5401 F04
VIN/2
+15V
–15V
OUT1
T1C
T1B
T1A
T2A
IN1
IN2
T2B
T2C
OUT2
R1D
R1C
R1B
R2B
R2C
R2D
RP
R1A
R2A
VIN
LTC2058
VIN/2
+15V
–15V
LTC2058
LT5401
RP
RP
RP
RP
RP
–
+
+
–
Figure 5. Safe Operating Area for Various θJA
Where to Connect the Exposed Pad
The exposed pad is electrically connected to the IN1 and
IN2 pins through 36V bidirectional ESD clamps. Its main
purpose is to reduce the internal temperature rise in appli-
cations dissipating large amounts of power and to provide
a return path to ground for ESD currents. The exposed
pad should be tied to a ground plane though a low resis-
tive path to provide the best level of thermal relief and ESD
protection. The exposed pad can be tied to a low imped-
ance voltage other than ground as long as the absolute
maximum ratings are satisfied.
Thermal Considerations
Each resistor is rated for relatively high power dissipation,
as listed in the Absolute Maximum Ratings section of
this data sheet. To calculate the internal temperature rise
inside the package, add together the power dissipated in
all of the resistors, and multiply by the thermal resistance
coefficient of the package (θJA or θJC as applicable).
For example Equation 2, if 32V is placed across IN1 and
OUT1, the total power dissipation will be:
VTOTAL
2
RTOTAL
=
(32)2
(R1A +R1B+R1C+R1D)
≈ 0.5W
(2)
and the total temperature rise inside the package equals
20°C. All 8 resistors will be at the same temperature,
regardless of which resistor dissipates more power. The
junction temperature must be kept within the Absolute
Maximum Rating. At elevated ambient temperatures, this
requirement places a limit on the maximum power dis-
sipation. Figure 5 shows maximum power dissapation
versus ambient temperature for various θJA values.
In addition to limiting the maximum power dissipation,
the maximum voltage across any two pins must also be
kept less than the absolute maximum rating.
ABS MAX LIMITTED
θJA = 40°C/W
θJA = 70°C/W
θJA = 100°C/W
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Various θJA
5401 F05
ESD
The LT5401 can withstand up to ±500V of electrostatic
discharge (ESD, human body). ESD beyond this voltage
can damage or degrade the device performance.
To protect the LT5401 against large ESD strikes, external
protection can be added using diodes to the circuit supply
rails or bidirectional Zeners to ground (Figure 6).
Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com