Electronic Components Datasheet Search
  English  ▼

X  

LT5401 Datasheet(PDF) 3 Page - Analog Devices

Part # LT5401
Description  Matched Resistor Network for Precision Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5401 Datasheet(HTML) 3 Page - Analog Devices

  LT5401 Datasheet HTML 1Page - Analog Devices LT5401 Datasheet HTML 2Page - Analog Devices LT5401 Datasheet HTML 3Page - Analog Devices LT5401 Datasheet HTML 4Page - Analog Devices LT5401 Datasheet HTML 5Page - Analog Devices LT5401 Datasheet HTML 6Page - Analog Devices LT5401 Datasheet HTML 7Page - Analog Devices LT5401 Datasheet HTML 8Page - Analog Devices LT5401 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT5401
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS Nominal Ratio of 1 only. The
l
denotes the specifications which apply over
the full specified temperature range, otherwise specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
LT5401A
LT5401
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
(∆R/R)RE
Resistor Ratio Match
Note 4
TA = –40°C to 85°C
TA = –40°C to 125°C
TA = –55°C to 150°C
l
l
l
±30
±60
±60
±60
±90
±95
±120
ppm
ppm
ppm
ppm
(∆R/R)RT
Resistor Ratio Match Tracking
Note 5
TA = –40°C to 85°C
TA = –40°C to 125°C
TA = –55°C to 150°C
l
l
l
±30
±50
±60
±60
±80
±95
±100
ppm
ppm
ppm
ppm
CMRR
Common Mode Rejection Ratio
CMRR =
∆R
R
⎛
⎝
⎜
⎞
⎠
⎟
RT
1+G
G is Nominal Ratio
Note 5
TA = –40°C to 85°C
TA = –40°C to 125°C
TA = –55°C to 150°C
l
l
l
96.5
92
90.5
90.5
88
86.5
86
dB
dB
dB
dB
(∆R/R)AVE
Average Resistor Ratio Match
Note 6
TA = –40°C to 85°C
TA = –40°C to 125°C
TA = –55°C to 150°C
l
l
l
±25
±50
±50
± 55
±80
±85
±90
ppm
ppm
ppm
ppm
GE
Gain Error
GE =
∆R
R
⎛
⎝
⎜
⎞
⎠
⎟
AVE
Note 6
TA = –40°C to 85°C
TA = –40°C to 125°C
TA = –55°C to 150°C
l
l
l
±25
±50
±50
±55
±80
±85
±90
ppm
ppm
ppm
ppm
(∆R/R)RE/∆T Resistor Ratio Match Temperature Drift
Note 7
l
±0.2
±0.5
±0.2
±0.5
ppm/°C
ELECTRICAL CHARACTERISTICS Nominal Ratio of 0.5 only. The
l
denotes the specifications which apply
over the full specified temperature range, otherwise specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
LT5401A
LT5401
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
(∆R/R)RE
Resistor Ratio Match
Note 4
TA = –40°C to 85°C
TA = –40°C to 125°C
TA = –55°C to 150°C
l
l
l
±30
±85
±85
±60
±115
±120
±160
ppm
ppm
ppm
ppm
(∆R/R)RT
Resistor Ratio Match Tracking
Note 5
TA = –40°C to 85°C
TA = –40°C to 125°C
TA = –55°C to 150°C
l
l
l
±30
±55
±65
±60
±85
±100
±110
ppm
ppm
ppm
ppm
CMRR
Common Mode Rejection Ratio
CMRR =
∆R
R
⎛
⎝
⎜
⎞
⎠
⎟
RT
1+G
G is Nominal Ratio
Note 5
TA = –40°C to 85°C
TA = –40°C to 125°C
TA = –55°C to 150°C
l
l
l
94
88.7
87.3
88
84.9
83.5
82.7
dB
dB
dB
dB
(∆R/R)AVE
Average Resistor Ratio Match
Note 6
TA = –40°C to 85°C
TA = –40°C to 125°C
TA = –55°C to 150°C
l
l
l
±25
±65
±75
± 55
±95
±110
±130
ppm
ppm
ppm
ppm
GE
Gain Error
GE =
∆R
R
⎛
⎝
⎜
⎞
⎠
⎟
AVE
Note 6
TA = –40°C to 85°C
TA = –40°C to 125°C
TA = –55°C to 150°C
l
l
l
±25
±65
±75
± 55
±95
±110
±130
ppm
ppm
ppm
ppm
(∆R/R)RE/∆T Resistor Ratio Match Temperature Drift
Note 7
l
±0.2
±0.7
±0.2
±0.7
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com