Electronic Components Datasheet Search
  English  ▼

X  

LT5401 Datasheet(PDF) 8 Page - Analog Devices

Part # LT5401
Description  Matched Resistor Network for Precision Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5401 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT5401 Datasheet HTML 4Page - Analog Devices LT5401 Datasheet HTML 5Page - Analog Devices LT5401 Datasheet HTML 6Page - Analog Devices LT5401 Datasheet HTML 7Page - Analog Devices LT5401 Datasheet HTML 8Page - Analog Devices LT5401 Datasheet HTML 9Page - Analog Devices LT5401 Datasheet HTML 10Page - Analog Devices LT5401 Datasheet HTML 11Page - Analog Devices LT5401 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT5401
8
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Matching and Tolerance Specifications
(∆R/R)RE specifies the resistor ratio combinations shown
in Table 1.
Table 1. Resistor Ratio Combinations
RESISTOR RATIO
NOMINAL RATIO
(R1C + R1D)/(R1A + R1B)
1
(R2C + R2D)/(R2A + R2B)
1
(R1B + R1C + R1D)/(R1A)
2
(R2B + R2C + R2D)/(R2A)
2
(R1D)/(R1A + R1B + R1C)
0.5
(R2D)/(R2A + R2B + R2C)
0.5
(∆R/R)RE/∆T specifies the rate at which the resistor ratio
match shown in Table 1 varies over temperature. The
LT5401 specifies a maximum resistor ratio match drift
of 0.5ppm/°C, which is 20 times better than discrete
10ppm/°C resistors.
(∆R/R)RT specifies the match of the ratio formed with
R1A, R1B, R1C and R1D to the same ratio formed with
R2A, R2B, R2C and R2D. The LT5401 specifies 0.003%
ratio matching, which guarantees 96.5dB of CMRR when
the LT5401 is used to configure difference and fully dif-
ferential amplifiers. This level of performance is 133 times
better than typical 0.1% resistors might achieve.
(∆R/R)AVE specifies the average match of the ratio formed
with R1A, R1B, R1C and R1D and the ratio formed with
R2A, R2B, R2C and R2D. When using the LT5401 to
configure difference and fully differential amplifiers, this
specification guarantees 25ppm gain accuracy. This level
of performance is 80 times better than typical 0.1% resis-
tors might achieve.
(∆R/R)SS specifies the match of (R1A + R1B + R1C + R1D)
to (R2A + R2B + R2C + R2D).
∆R specifies the LT5401’s absolute resistor tolerance.
∆R/∆T specifies the rate at which the LT5401’s absolute
resistance varies over temperature.
General Considerations of LT5401 with a Fully
Differential Amplifier (FDA)
The LT5401 can be used with a variety of fully differential
amplifiers from low power to high speed. The outstanding
resistor ratio matching of LT5401 provides for very high
common mode rejection and highly accurate gain over
the specified operating temperature range.
Noise
For low noise design of an LT5401 and FDA, the noise
contribution of the LT5401 resistor values with the ampli-
fier’s voltage and current noise must be considered.
Figure 1 shows a simplified noise model for a fully dif-
ferential amplifier. Table 2 lists the LT5401 resistor values
for its three nominal gains, 0dB, 6dB and –6dB. Table 3
is a partial list of recommended differential amplifiers
for use with an LT5401. Equation 1 shows the output
noise as function of FDA noise and resistor noise. Using
Table 2 resistor values and the Table 3 noise sources,
the output noise can be calculated for an LT5401 and
FDA pair. In addition, the terms of Equation 1 provide
an intuitive guide to low noise design. For a high gain
circuit, the amplifier’s voltage noise and input resistors
noise can be the dominant noise, for low gains the ampli-
fier’s current noise can increase the output noise even if
the amplifier’s voltage noise is low. For example, for 0dB
gain the LT5401 RF and RI are 1050Ω. The ADA4938
and ADA4932 voltage and current noise are (2.8nV/√Hz,
5pA/√Hz) and (3.6nV/√Hz, 1pA/√Hz) respectively. The cal-
culated output noise of an LT5401 with an ADA4938 or
with an ADA4932 is 12.5nV/√Hz and 11.1nV/√Hz respec-
tively. So, despite the lower voltage noise that ADA4938
has, it still results in higher output noise due to its higher
current noise compared to ADA4932.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com