Electronic Components Datasheet Search
  English  ▼

X  

LT5401 Datasheet(PDF) 1 Page - Analog Devices

Part # LT5401
Description  Matched Resistor Network for Precision Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5401 Datasheet(HTML) 1 Page - Analog Devices

  LT5401 Datasheet HTML 1Page - Analog Devices LT5401 Datasheet HTML 2Page - Analog Devices LT5401 Datasheet HTML 3Page - Analog Devices LT5401 Datasheet HTML 4Page - Analog Devices LT5401 Datasheet HTML 5Page - Analog Devices LT5401 Datasheet HTML 6Page - Analog Devices LT5401 Datasheet HTML 7Page - Analog Devices LT5401 Datasheet HTML 8Page - Analog Devices LT5401 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT5401
1
Rev. 0
For more information www.analog.com
Document Feedback
All registered trademarks and trademarks are the property of their respective owners.
FEATURES
DESCRIPTION
Matched Resistor Network
for Precision Amplifiers
The LT®5401 is an ultra-precision matched resistor net-
work optimized for use with fully differential or differ-
ence amplifiers, and with excellent matching specifica-
tions over the entire temperature range. The LT5401
contains two strings of matched resistors, each provid-
ing three tap points. The resulting matched ratios are
well suited for precisely setting a differential amplifier’s
gain or attenuation.
When used to configure differential or difference gain, the
LT5401’s excellent ratio matching ensures high CMRR,
low gain errors and low gain drift to levels far too dif-
ficult to achieve with discrete passive components. This
high level of precision reduces calibration requirements
in many applications and offers 10 times higher perfor-
mance than a ±0.01% discrete solution.
The LT5401 is available in a compact 10-lead MSOP pack-
age with exposed paddle for improved thermal perfor-
mance over a temperature range of –55°C to 150°C.
APPLICATIONS
n
Optimized for Use with Fully Differential and
Difference Amplifiers
n
Excellent Matching
n
±0.003% Resistor Ratio Matching (Max)
n
96.5dB CMRR (Min)
n
±25ppm Gain Error (Max)
n
±0.5ppm/°C Matching Temperature Drift (Max)
n
±35V Operating Voltage (±36V Abs Max)
n
8ppm/°C Absolute Resistor Value Temperature Drift
n
Long-Term Stability: <8ppm at 6500Hours
n
ESD Protected Inputs
n
–55°C to 150°C Operating Temperature
n
10-Lead MSOP Package
n
Fully Differential Amplifiers
n
Difference Amplifiers
n
Reference Dividers
n
Precision Summing/Subtracting
TYPICAL APPLICATION
Input Common Mode Rejection
Ratio vs Frequency
Using LT5401 with a Fully Differential Amplifier for
Single-Ended to Differential Conversion, G = 1
5401 TA01a
VOCM
+IN
–FB
–IN
+FB
–VOUT
+5V
+VOUT
–5V
OUT1
T1C
T1B
T1A
T2A
IN1
IN2
T2B
T2C
OUT2
700Ω
350Ω
350Ω
350Ω
350Ω
700Ω
700Ω
700Ω
ADA4932
LT5401A
VIN
–
+
FREQUENCY (Hz)
100k
1M
10M
100M
50
55
60
65
70
75
80
85
90
95
100
5401 TA01b


Similar Part No. - LT5401

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5400 LINER-LT5400 Datasheet
204Kb / 8P
Quad Matched Resistor Network Long-Term Stability: <2ppm at 2000 Hrs
LT5400 LINER-LT5400 Datasheet
537Kb / 24P
140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
LT5400 LINER-LT5400 Datasheet
258Kb / 12P
Quad Matched Resistor Network
LT5400 LINER-LT5400 Datasheet
437Kb / 20P
Dual Micropower, 5V/關s Precision Rail-to-Rail Output Amplifier
LT5400 LINER-LT5400 Datasheet
770Kb / 22P
Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
More results

Similar Description - LT5401

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5491 MAXIM-MAX5491 Datasheet
155Kb / 7P
Precision-Matched Resistor-Divider in SOT23
Rev 3; 12/04
MAX5426 MAXIM-MAX5426 Datasheet
185Kb / 9P
Precision Resistor Network for Programmable Instrumentation Amplifiers
Rev 0; 1/02
logo
Vishay Siliconix
SMN VISHAY-SMN Datasheet
172Kb / 5P
High Precision Surface Mount 4 Resistor Network
19-Apr-07
logo
KOA Speer Electronics, ...
MRPL03EA KOA-MRPL03EA Datasheet
109Kb / 2P
precision metal film resistor SIP network
logo
IRC - a TT electronics ...
DBP-M954-01-1002-G IRCTT-DBP-M954-01-1002-G Datasheet
171Kb / 3P
TaNFilm Precision Molded DIP Resistor Network
logo
Maxim Integrated Produc...
MAX5492 MAXIM-MAX5492 Datasheet
147Kb / 8P
10k廓 Precision-Matched Resistor-Divider in SOT23
19-3695; Rev 0; 5/05
logo
Bourns Electronic Solut...
4304K-L BOURNS-4304K-L Datasheet
30Kb / 2P
Resistor Network
4308S-L BOURNS-4308S-L Datasheet
30Kb / 2P
Resistor Network
4310T-L BOURNS-4310T-L Datasheet
30Kb / 2P
Resistor Network
logo
Linear Technology
LT5400 LINER-LT5400_15 Datasheet
258Kb / 12P
Quad Matched Resistor Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com