Electronic Components Datasheet Search
  English  ▼

X  

LT5401 Datasheet(PDF) 9 Page - Analog Devices

Part # LT5401
Description  Matched Resistor Network for Precision Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5401 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT5401 Datasheet HTML 5Page - Analog Devices LT5401 Datasheet HTML 6Page - Analog Devices LT5401 Datasheet HTML 7Page - Analog Devices LT5401 Datasheet HTML 8Page - Analog Devices LT5401 Datasheet HTML 9Page - Analog Devices LT5401 Datasheet HTML 10Page - Analog Devices LT5401 Datasheet HTML 11Page - Analog Devices LT5401 Datasheet HTML 12Page - Analog Devices LT5401 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT5401
9
Rev. 0
For more information www.analog.com
Figure 1. A Simplified FDA Noise Model
Table 2. Typical LT5401 Resistor Values
GAIN (dB)
RF (Ω)
RI (Ω)
0
1050
1050
6
1400
700
–6
700
1400
Table 3. FDA Noise, 2VP-P BW and ISUPPLY
FDA
eni
(nV/√Hz)
In
(pA/√Hz)
BW
(MHz)
Is
(mA)
LTC6404-1
1.5
3
72
27
ADA4945-1
1.8
1
60
4
LTC6403-1
2.8
1.8
32
11
ADA4938-1
2.8
5
800
34
LTC6363
2.9
0.55
35
1.75
ADA4932-1
3.6
1
360
8.8
LTC6362
3.9
0.8
7
1
ADA4940-1
3.9
0.8
25
1.25
eno = eni • 1+
RF
RI
⎛
⎝
⎜
⎞
⎠
⎟
⎛
⎝
⎜
⎞
⎠
⎟
2
+ 2 • In •RF
(
)
2
+ 2 • enRI •
RF
RI
⎛
⎝
⎜
⎞
⎠
⎟
⎛
⎝
⎜
⎞
⎠
⎟
2
+ 2 • enRF
2
(1)
Bandwidth
Figure 2 shows an FDA circuit model with the LT5401
resistors and parasitic capacitors CP and an external feed-
back capacitor CF. The gain setting resistors and CP form
distributed input and feedback poles. The input poles pro-
vide a useful attenuation at very high frequencies and the
feedback poles add gain peaking (without any feedback
capacitor). In addition, CP at the FDA inputs and the gain
setting resistors form a parasitic pole that increases gain
peaking and can cause instability. A feedback capacitor
CF is required to mitigate the excessive gain peaking of
multiple parasitic poles. A CF ≥ 3.3pF is recommended for
6dB gain (use higher CF values for 0dB and –6dB gains).
The CP capacitor at the FDA outputs is a CLOAD and can
lower the amplifier’s phase margin (consider the gain
peaking sensitivity of the Frequency Response vs CLOAD
plot in the FDA data sheet).
PCB Layout
A PCB layout for an FDA must be differentially symmetri-
cal and matched from input to output using short traces
and striping copper from under the trace to minimize
FDA
–
+
5401 F01
RI
RF
enRF2
enRI2
RI
RF
enRF2
enRI2
eno2
eni2
in–2
in+2
APPLICATIONS INFORMATION
Figure 2. Simplified LT5401 and FDA Model. CP is
a 3.4pF Parasitic Capacitance and CF is an External
Feedback Capacitor
FDA
–
+
5401 F02
350Ω
700Ω
350Ω
700Ω
CF
CF
OUT2
CP
CP
CP
CP
IN2
10
6
7
8
9
350Ω
700Ω
350Ω
700Ω
OUT1
CP
IN1
1
5
4
3
2
CP
CP
CP
GAIN CONNECTION
–6dB
6dB
0dB
–6dB
6dB
0dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com