Electronic Components Datasheet Search
  English  ▼

X  

LT5401 Datasheet(PDF) 2 Page - Analog Devices

Part # LT5401
Description  Matched Resistor Network for Precision Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5401 Datasheet(HTML) 2 Page - Analog Devices

  LT5401 Datasheet HTML 1Page - Analog Devices LT5401 Datasheet HTML 2Page - Analog Devices LT5401 Datasheet HTML 3Page - Analog Devices LT5401 Datasheet HTML 4Page - Analog Devices LT5401 Datasheet HTML 5Page - Analog Devices LT5401 Datasheet HTML 6Page - Analog Devices LT5401 Datasheet HTML 7Page - Analog Devices LT5401 Datasheet HTML 8Page - Analog Devices LT5401 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT5401
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Total Voltage IN1 to EPAD or IN2 to EPAD ..............±36V
Total Voltage IN1 to OUT1 or IN2 to OUT2..............±36V
Total Voltage IN1 to T1A or OUT1 to T1C ................ ±12V
Total Voltage IN2 to T2A or OUT2 to T2C................ ±12V
Total Voltage T1B to T1A or T1C................................±6V
Total Voltage T2B to T2A or T2C...............................±6V
Maximum Current T1A, T1B, T1C, T2A, T2B, T2C ........9mA
Operating Temperature Range (Note 2)
LT5401I................................................–40°C to 85°C
LT5401H ............................................ –40°C to 125°C
LT5401MP ......................................... –55°C to 150°C
Specified Temperature Range (Note 2)
LT5401I................................................–40°C to 85°C
LT5401H ............................................ –40°C to 125°C
LT5401MP ......................................... –55°C to 150°C
Maximum Junction Temperature (Note 3)............. 150°C
Storage Temperature Range................... –65°C to 150°C
(Note 1)
1
2
3
4
5
IN1
OUT1
T1C
T1B
T1A
10
9
8
7
6
IN2
OUT2
T2C
T2B
T2A
TOP VIEW
MS10E PACKAGE
10-LEAD PLASTIC MSOP
θJA = 40°C/W, θJC = 20°C/W
EXPOSED PAD (PIN 11) IS ELECTRICALLY CONNECTED TO
THE INPUT ESD AND MUST BE SOLDERED TO THE PCB,
TYPICALLY CONNECTED TO GROUND PLANE
11
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT5401AIMSE#PBF
LT5401AIMSE#TRPBF
LTHHJ
10-Lead Plastic MSOP
–40°C to 85°C
LT5401IMSE#PBF
LT5401IMSE#TRPBF
LTHHJ
10-Lead Plastic MSOP
–40°C to 85°C
LT5401AHMSE#PBF
LT5401AHMSE#TRPBF
LTHHJ
10-Lead Plastic MSOP
–40°C to 125°C
LT5401HMSE#PBF
LT5401HMSE#TRPBF
LTHHJ
10-Lead Plastic MSOP
–40°C to 125°C
LT5401MPMSE#PBF
LT5401MPMSE#TRPBF
LTHHJ
10-Lead Plastic MSOP
–55°C to 150°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com