Electronic Components Datasheet Search
  English  ▼

X  

LT5401 Datasheet(PDF) 6 Page - Analog Devices

Part # LT5401
Description  Matched Resistor Network for Precision Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5401 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT5401 Datasheet HTML 2Page - Analog Devices LT5401 Datasheet HTML 3Page - Analog Devices LT5401 Datasheet HTML 4Page - Analog Devices LT5401 Datasheet HTML 5Page - Analog Devices LT5401 Datasheet HTML 6Page - Analog Devices LT5401 Datasheet HTML 7Page - Analog Devices LT5401 Datasheet HTML 8Page - Analog Devices LT5401 Datasheet HTML 9Page - Analog Devices LT5401 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT5401
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Resistor Ratio Match
Resistor Ratio Match Tracking
Resistor Ratio Matching
Temperature Drift, G = 0.5V/V
Resistor Ratio Matching
Temperature Drift, G = 1V/V
Resistor Ratio Matching
Temperature Drift, G = 2V/V
Side-to-Side Resistor Match
Average Resistor Ratio Match
400 TYPICAL UNITS, ALL RATIOS
RESISTOR RATIO MATCH (ppm)
–50 –40 –30 –20 –10 0 10 20 30 40 50
0
5
10
15
20
25
30
35
40
45
50
5401 G01
400 TYPICAL UNITS, ALL RATIOS
RESISTOR RATIO MATCH TRACKING (ppm)
–50 –40 –30 –20 –10 0 10 20 30 40 50
0
5
10
15
20
25
30
35
40
45
50
5401 G02
400 TYPICAL UNITS, ALL RATIOS
AVERAGE RESISTOR RATIO MATCH (ppm)
–50 –40 –30 –20 –10 0 10 20 30 40 50
0
5
10
15
20
25
30
35
40
45
50
5401 G03
40 TYPICAL PARTS, BOTH SIDES
RESISTOR RATIO MATCH DRIFT (ppm/°C)
–0.5 –0.4 –0.3 –0.2 –0.1 0
0.1 0.2 0.3 0.4 0.5
0
5
10
15
20
25
30
35
40
45
50
5401 G04
40 TYPICAL PARTS, BOTH SIDES
RESISTOR RATIO MATCH DRIFT (ppm/°C)
–0.5 –0.4 –0.3 –0.2 –0.1 0 0.1 0.2 0.3 0.4 0.5
0
5
10
15
20
25
30
35
40
45
50
5401 G05
40 TYPICAL PARTS, BOTH SIDES
RESISTOR RATIO MATCH DRIFT (ppm/°C)
–0.8 –0.7 –0.6 –0.5 –0.4 –0.3 –0.2 –0.1 0 0.1 0.2
0
5
10
15
20
25
30
35
40
45
50
5401 G06
400 TYPICAL UNITS
SIDE-TO-SIDE RESISTOR MATCH (%)
–0.2
–0.1
0
0.1
0.2
0
10
20
30
40
50
60
70
5401 G07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com