Electronic Components Datasheet Search
  English  ▼

X  

LT5401 Datasheet(PDF) 7 Page - Analog Devices

Part # LT5401
Description  Matched Resistor Network for Precision Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5401 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT5401 Datasheet HTML 3Page - Analog Devices LT5401 Datasheet HTML 4Page - Analog Devices LT5401 Datasheet HTML 5Page - Analog Devices LT5401 Datasheet HTML 6Page - Analog Devices LT5401 Datasheet HTML 7Page - Analog Devices LT5401 Datasheet HTML 8Page - Analog Devices LT5401 Datasheet HTML 9Page - Analog Devices LT5401 Datasheet HTML 10Page - Analog Devices LT5401 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT5401
7
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
IN1 (Pin 1): Connection to R1A. ESD protection on this
pin is provided through a 36V bidirectional ESD clamp to
the exposed pad.
OUT1 (Pin 2): Connection to R1D.
T1C (Pin 3): Connection to R1C and R1D resistors. This
tap point has series parasitic resistance and should not
conduct current.
T1B (Pin 4): Connection to R1B and R1C resistors. This
tap point has series parasitic resistance and should not
conduct current.
T1A (Pin 5): Connection to R1A and R1B resistors. This
tap point has series parasitic resistance and should not
conduct current.
T2A (Pin 6): Connection to R2A and R2B resistors. This
tap point has series parasitic resistance and should not
conduct current.
T2B (Pin 7): Connection to R2B and R2C resistors. This
tap point has series parasitic resistance and should not
conduct current.
T2C (Pin 8): Connection to R2C and R2D resistors. This
tap point has series parasitic resistance and should not
conduct current.
OUT2 (Pin 9): Connection to R2D.
IN2 (Pin 10): Connection to R2A. ESD protection on this
pin is provided through a 36V bidirectional ESD clamp to
the exposed pad.
EPAD (Exposed Pad Pin 11): Connection to 36V bidi-
rectional ESD clamps. This pad is typically connected to
a ground plane and provides a return path for current
during ESD events.
BLOCK DIAGRAM
T1A
IN1
EPAD
IN2
OUT1
OUT2
R1B
350Ω
2
9
1
5
11
10
5401 BD
T1B
4
T1C
3
R1A
700Ω
R1C
350Ω
R1D
700Ω
T2A
R2B
350Ω
6
T2B
7
T2C
8
R2A
700Ω
R2C
350Ω
R2D
700Ω
±36V ESD
±36V ESD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com