Electronic Components Datasheet Search
  English  ▼

X  

DP8428 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8428
Description  1 Megabit High Speed Dynamic RAM Controller/Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8428 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button DP8428 Datasheet HTML 15Page - National Semiconductor (TI) DP8428 Datasheet HTML 16Page - National Semiconductor (TI) DP8428 Datasheet HTML 17Page - National Semiconductor (TI) DP8428 Datasheet HTML 18Page - National Semiconductor (TI) DP8428 Datasheet HTML 19Page - National Semiconductor (TI) DP8428 Datasheet HTML 20Page - National Semiconductor (TI) DP8428 Datasheet HTML 21Page - National Semiconductor (TI) DP8428 Datasheet HTML 22Page - National Semiconductor (TI) DP8428 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Switching Characteristics
All A C parameters are specified with the equivalent load
capacitances including traces of 88 DRAMs organized as 4
banks of 22 DRAMs each Maximums are based on worst-
case conditions including all outputs switching simulta-
neously This in many cases results in the AC valves
shown in the DP84XX DRAM controller data sheet being
much looser than true worst case maximum AC delays The
system designer should estimate the DP8429 load in his
her application and modify the appropriate A C parame-
ters using the graph in
Figure 10 Two example calculations
are provided below
TLF8649 – 28
FIGURE 10 Change in Propagation Delay
relative to ‘‘true’’ (application) load minus
AC specified data sheet load
Examples
1)
A mode 4 user driving 2 banks of DRAM has the follow-
ing loading conditions
CAS
- 300 pF
Q0 – Q9 - 250 pF
RAS
- 150 pF
AC parameters should be adjusted in accordance with
Fig-
ure 10 and the specifications given for the 88 DRAM load as
follows
max tRPDL e 20 ns b 0ns e 20 ns (since RAS load-
ing is the same as that which is spec’ed)
max tCPDL e 32 ns b 7ns e 25 ns
max tCCAS e 46 ns b 7ns e 39 ns
max tRCC e 41 ns b 6ns e 35 ns
min tRHA is not significantly effected since it does not
involve an output transition
Other parameters are adjusted in a similar manner
2)
A mode 5 user driving one bank of DRAM has the
following loading conditions
CAS - 120 pF
Q0 – Q9 - 100 pF
RAS - 120 pF
A C parameters should be adjusted as follows
with RAHS e ‘‘1’’
max tRICL e 70 ns b 11 ns e 59 ns
max tRCDL e 55 ns a 1ns b 11 ns e 45 ns
(the a 1 ns is due to lighter RAS loading the b 11 ns
is due to lighter CAS loading)
min tRAH e 15 ns a 1ns e 16 ns
The additional 1 ns is due to the fact that the RAS line
is driving less (switching faster) than the load to which
the 15 ns spec applies The row address will remain
valid for about the same time irregardless of address
loading since it is considered to be not valid at the
beginning of its transition
TLF8649 – 29
FIGURE 11 Output Load Circuit
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com