Electronic Components Datasheet Search
  English  ▼

X  

DP8428 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8428
Description  1 Megabit High Speed Dynamic RAM Controller/Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8428 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button DP8428 Datasheet HTML 12Page - National Semiconductor (TI) DP8428 Datasheet HTML 13Page - National Semiconductor (TI) DP8428 Datasheet HTML 14Page - National Semiconductor (TI) DP8428 Datasheet HTML 15Page - National Semiconductor (TI) DP8428 Datasheet HTML 16Page - National Semiconductor (TI) DP8428 Datasheet HTML 17Page - National Semiconductor (TI) DP8428 Datasheet HTML 18Page - National Semiconductor (TI) DP8428 Datasheet HTML 19Page - National Semiconductor (TI) DP8428 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Applications (Continued)
TLF8649 – 24
FIGURE 7c Typical Application of DP8428 Using Modes 5 and 1
The DP84XX2 family of inexpensive preprogrammed medi-
um Programmable Array Logic devices (PALs) have been
developed to provide an easy interface between various mi-
croprocessors and the DP84XX family of DRAM controller
drivers These PALs interface to all the necessary control
signals of the particular processor and the DP8429 The
PAL controls the operation of the DP8429 in modes 5 and 1
while meeting all the critical timing considerations discussed
above The refresh clock RFCK may be divided down from
the processor clock using an IC counter such as the
DM74LS393 or the DP84300 programmable refresh timer
The DP84300 can provide RFCK periods ranging from 154
m
s to 156 ms based on an input clock of 2 to 10 MHz
Figure 8 shows a general block diagram for a system using
the DP8429 in modes 1 and 5
Figure 9 shows possible
timing diagrams for such a system (using WAIT to prohibit
access when refreshing) Although the DP84XX2 PALs are
offered as standard peripheral devices for the DP84XX
DRAM controllerdrivers the programming equations for
these devices are provided so the user may make minor
modifications for unique system requirements
ADVANTAGES OF DP8429 OVER
A DISCRETE DYNAMIC RAM CONTROLLER
1) The DP8429 system solution takes up much less board
space because everything is on one chip (latches re-
fresh counter control logic multiplexers drivers and in-
ternal delay lines)
2) Less effort is needed to design a memory system The
DP8429 has automatic modes (1 and 5) which require a
minimum of external control logic Also programmable ar-
ray logic devices (PALs) have been designed which allow
an easy interface to most popular microprocessors (Mo-
torola 68000 family National Semiconductor 32032 fami-
ly Intel 8086 family and the Zilog Z8000 family)
3) Less skew in memory timing parameters because all crit-
ical components are on one chip (many discrete drivers
specify a minimum on-chip skew under worst-case condi-
tions but this cannot be used if more then one driver is
needed such as would be the case in driving a large
dynamic RAM array)
4) Our switching characteristics give the designer the critical
timing specifications based on TTL output levels (low e
08V high e 24V) at a specified load capacitance All
timing parameters are specified on the DP8429
A) driving 88 DRAM’s over a temperature range of 0 – 70
degrees centigrade (no extra drivers are needed)
B) under worst-case driving conditions with all outputs
switching simultaneously (most discrete drivers on the
market specify worst-case conditions with only one
output switching at a time this is not a true worst-case
condition)
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com